Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65276VRHHR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65276VRHHR
Description  4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65276VRHHR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65276VRHHR Datasheet HTML 5Page - Texas Instruments TPS65276VRHHR Datasheet HTML 6Page - Texas Instruments TPS65276VRHHR Datasheet HTML 7Page - Texas Instruments TPS65276VRHHR Datasheet HTML 8Page - Texas Instruments TPS65276VRHHR Datasheet HTML 9Page - Texas Instruments TPS65276VRHHR Datasheet HTML 10Page - Texas Instruments TPS65276VRHHR Datasheet HTML 11Page - Texas Instruments TPS65276VRHHR Datasheet HTML 12Page - Texas Instruments TPS65276VRHHR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
TPS65276V
www.ti.com
SLVSBW0A – FEBRUARY 2013 – REVISED JUNE 2013
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input operating voltage
4.5
18
V
TA
Ambient temperature
–40
85
°C
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
MIN
MAX
UNIT
Human body model (HBM)
1000
V
Charge device model (CDM)
250
V
ELECTRICAL CHARACTERISTICS
TJ = 25°C, VIN = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VIN
Input Voltage range
VIN1 and VIN2
4.5
18
V
IDDSDN
Shutdown supply current
EN1 = EN2 = low
10
µA
Switching quiescent current with no
EN1 = EN2 = 3.3 V
IDDQ_NSW
1.2
mA
load at DCDC output
Without bucks switching
Switching quiescent current with no
EN1 = EN2 = 3.3 V
IDDQ_SW
10
mA
load at DCDC output, Buck switching
With bucks switching
Rising VIN
4.25
4.50
UVLO
VIN under voltage lockout
Falling VIN
3.5
3.75
V
Hysteresis
0.5
V7V load current = 0 A,
V7V
6.3 V LDO
6.10
6.3
6.5
V
VIN = 12 V
IOCP_V7V
Current limit of V7V LDO
200
mA
ENABLE
VENR
Enable threshold
1.21
1.26
V
VENF
Enable threshold
1.10
1.17
V
IENR
Enable Input current
EN = 1 V
3
µA
IENF
Enable hysteresis current
EN = 1.5 V
3
µA
OSCILLATOR
200
1600
FSW
Switching frequency
kHz
ROSC = 100 kΩ (1%)
340
400
460
TSYNC_w
Clock sync minimum pulse width
20
ns
VSYNC_HI
Clock sync high threshold
2
V
VSYNC_LO
Clock sync low threshold
0.8
V
Clock falling edge to LX rising edge
VSYNC_D
66
ns
delay
FSYNC
Clock sync frequency range
200
1600
kHz
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS65276V


Similar Part No. - TPS65276VRHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65276VRHHR TI-TPS65276VRHHR Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
More results

Similar Description - TPS65276VRHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65276V TI-TPS65276V_15 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID
TPS563900 TI-TPS563900_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V To 18-V Input Voltage, 3.5-A/3.5-A Dual Synchronous Step-Down Converter With I2C Controlled VID
TPS65273V TI-TPS65273V_15 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 3.5-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS65276 TI-TPS65276_15 Datasheet
734Kb / 33P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 6-A/3.5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER
TPS65279V TI-TPS65279V Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS65279V TI-TPS65279V_15 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 5-A/5-A DUAL SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C CONTROLLED VID AND CURRENT SHARING
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566250 TI-TPS566250_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS566250 4.5-V to 17-V Input, 6-A Synchronous Step-Down Converter With VID Control
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com