Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82697SIPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82697SIPR
Description  High-Efficiency MicroSiP STEP-DOWN CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS82697SIPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS82697SIPR Datasheet HTML 7Page - Texas Instruments TPS82697SIPR Datasheet HTML 8Page - Texas Instruments TPS82697SIPR Datasheet HTML 9Page - Texas Instruments TPS82697SIPR Datasheet HTML 10Page - Texas Instruments TPS82697SIPR Datasheet HTML 11Page - Texas Instruments TPS82697SIPR Datasheet HTML 12Page - Texas Instruments TPS82697SIPR Datasheet HTML 13Page - Texas Instruments TPS82697SIPR Datasheet HTML 14Page - Texas Instruments TPS82697SIPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Current (mA)
VIN = 3.1V
VIN = 3.3V
VIN = 3.6V
VIN = 3.8V
VIN = 4.0V
VIN = 4.2V
VIN = 4.8V
TPS82698
VOUT = 3.0V
MODE = Low
G000
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
1
10
100
1000
Current (mA)
VIN = 3.1V
VIN = 3.3V
VIN = 3.6V
VIN = 3.8V
VIN = 4.0V
VIN = 4.2V
VIN = 4.8V
MODE = High
TPS82698
VOUT = 3.0V
G000
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.1
1
10
100
1000
Current (mA)
VIN = 2.9V
VIN = 3.1V
VIN = 3.4V
VIN = 3.6V
VIN = 3.8V
VIN = 4.2V
VIN = 4.5V
TPS626951
VOUT = 2.5V
MODE = Low
G000
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
1
10
100
1000
Current (mA)
VIN = 2.9V
VIN = 3.1V
VIN = 3.4V
VIN = 3.6V
VIN = 3.8V
VIN = 4.2V
VIN = 4.5V
MODE = High
TPS626951
VOUT = 2.5V
G000
TPS82692 , TPS82693, TPS82694, TPS826951
TPS82697, TPS82698, TPS82699
www.ti.com
SLVSBF8A – MARCH 2013 – REVISED JULY 2013
TYPICAL CHARACTERISTICS (continued)
TPS826951
TPS826951
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 11.
Figure 12.
TPS82698
TPS82698
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 13.
Figure 14.
Copyright © 2013, Texas Instruments Incorporated
11
Product Folder Links: TPS82692 TPS82693 TPS82694 TPS826951 TPS82697 TPS82698 TPS82699


Similar Part No. - TPS82697SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82697SIPR TI1-TPS82697SIPR Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
More results

Similar Description - TPS82697SIPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com