Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117QS-2.85 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117QS-2.85
Description  1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117QS-2.85 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM1117QS-2.85 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117QS-2.85 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117QS-2.85 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117QS-2.85 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117QS-2.85 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117QS-2.85 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117QS-2.85 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117QS-2.85 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117QS-2.85 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1A L.D.O VOLTAGE REGULATOR(Automotive Grade)
LM1117Q
Jul. 2011 Rev. 1.0
- 2 -
HTC
Ordering Information
VOUT
Package
Order No.
Package Marking
Supplied As
Status
ADJ
SOT-223
LM1117QS-ADJ
1117Q ADJ
Reel
Active
1.2V
SOT-223
LM1117QS-1.2
1117Q 1.2
Reel
Active
1.5V
SOT-223
LM1117QS-1.5
1117Q 1.5
Reel
Active
1.8V
SOT-223
LM1117QS-1.8
1117Q 1.8
Reel
Active
2.5V
SOT-223
LM1117QS-2.5
1117Q 2.5
Reel
Active
2.85V
SOT-223
LM1117QS-2.85
1117Q 2.85
Reel
Active
3.3V
SOT-223
LM1117QS-3.3
1117Q 3.3
Reel
Active
5.0V
SOT-223
LM1117QS-5.0
1117Q 5.0
Reel
Active
Package Type :
Root Name
Product Code
LM
1117
Output Voltage : ADJ / 1.2 / 1.5V / 1.8V / 2.5V /
2.85V / 3.3V / 5.0V
S: SOT-223
Q : Q100 Certified


Similar Part No. - LM1117QS-2.85

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
List of Unclassifed Man...
LM1117 ETC1-LM1117 Datasheet
108Kb / 8P
   1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
More results

Similar Description - LM1117QS-2.85

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
logo
Murata Manufacturing Co...
935174736710-XXA MURATA1-935174736710-XXA Datasheet
235Kb / 2P
   Qualified according to AEC-Q100
Last updated06/13/2022
logo
Rohm
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com