Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576R-3.3 Datasheet(PDF) 9 Page - HTC Korea TAEJIN Technology Co.

Part # LM2576R-3.3
Description  3A, 52kHz, Step-Down Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2576R-3.3 Datasheet(HTML) 9 Page - HTC Korea TAEJIN Technology Co.

Back Button LM2576R-3.3 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2576R-3.3 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2576R-3.3 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2576R-3.3 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2576R-3.3 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2576R-3.3 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2576R-3.3 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM2576R-3.3 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM2576R-3.3 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
3A, 52kHz, Step-Down Switching Regulator
LM2576
Dec 2011 – Rev. 1.3
- 9
-
HTC
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 15)
Figure 8. Standby Quiescent Current
Figure 9. Switch Saturation Voltage
Figure 10. Oscillator Frequency
Figure 11. Minimum Operating Voltage
Figure 12. Feedback Pin Current


Similar Part No. - LM2576R-3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM2576R-3.3 ETC1-LM2576R-3.3 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
More results

Similar Description - LM2576R-3.3

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2576HV HTC-LM2576HV Datasheet
592Kb / 7P
   3A, 52kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576HVS-ADJ TECHPUBLIC-LM2576HVS-ADJ Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
LM2576HVS-5.0 TECHPUBLIC-LM2576HVS-5.0 Datasheet
1Mb / 6P
   3A | 52kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Weitron Technology
WT2576M WEITRON-WT2576M Datasheet
962Kb / 11P
   3A Step-down Voltage Regulator Power Converter 52kHz
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
TECH PUBLIC Electronics...
LM2576 TECHPUBLIC-LM2576_V01 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
LM2576 TECHPUBLIC-LM2576 Datasheet
2Mb / 6P
   3A / 52kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com