Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ2110LGSF5 Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2110LGSF5
Description  Single-Channel Power Distribution Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2110LGSF5 Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

Back Button TJ2110LGSF5 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2110LGSF5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2110LGSF5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2110LGSF5 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2110LGSF5 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2110LGSF5 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2110LGSF5 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2110LGSF5 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. TJ2110LGSF5 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Single-Channel Power Distribution Switch
TJ2110
Jun. 2012
– R1.3
- 6 -
HTC
ELECTRICAL CHARACTERISTICS (Under the conditions of VIN=+5V and TA=25℃)
PARAMETER
Symbol
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VIN
3.0
5.5
V
Supply Current
ICC
Enable off ,OUT=Open
0.05
1
uA
Enable on, OUT=Open
80
150
uA
Enable Input Threshold
Voltage
VEN
(Note 8)
0.8
2.0
V
Enable Input Current
IEN
VEN = 0V to 5.5V
-1
0.01
1
uA
Enable Input Capacitance
CEN
1
pF
Switch Resistance
RDS(ON)
VIN=5V, IOUT=1.0A
120
140
mΩ
VIN=3.3V, IOUT=1.0A
140
160
mΩ
Output Turn-On Delay
TDON
RL=5
Ω each output, CL=1uF
70
us
Output Turn-On Rise Time
TR
RL=5
Ω each output, CL=1uF
60
us
Output Turn-Off Delay
TDOFF
RL=5
Ω each output, CL=1uF
5
us
Output Turn-On Fall Time
TF
RL=5
Ω each output, CL=1uF
10
us
Output leakage Current
ILEAK
VENX≤0.8V
0.01
5
uA
Current Limit Threshold
ILIM
Ramped load applied to output
1.7
2.2
2.7
A
Short Circuit Current Limit
IOS
each output, VOUT=0V
1.2
1.6
2.0
A
Over-Temperature
Shutdown Threshold
TTS
Temperature increasing switch
145
oC
Temperature decreasing switch
135
oC
Error Flag Output Resistance
RFO
VIN=5V, IL=10mA
10
25
VIN=3.3V, IL=10mA
15
40
Error Flag Off Current
IFOH
VFLAG=5V
0.01
10
uA
UVLO Threshold
UVLO
VIN = increasing
2.1
2.25
2.6
V
VIN = decreasing
1.9
2.05
2.45
V
Overcurrent
Flag
Response
Delay
TDFOV
VIN=5V, apply VOUT=0V until FLG low
4
10
15
ms
Note:
8. OFF is VEN≤0.8V and ON is VEN≥2.0V for the TJ2110H. OFF is VEN≥2.0V and ON is VEN≤0.8V for the TJ2110L.


Similar Part No. - TJ2110LGSF5

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ2132 HTC-TJ2132 Datasheet
1Mb / 13P
   2.0A Low Output Voltage Ultra LDO Regulator
TJ2132GDP HTC-TJ2132GDP Datasheet
1Mb / 13P
   2.0A Low Output Voltage Ultra LDO Regulator
TJ2132GQ HTC-TJ2132GQ Datasheet
1Mb / 13P
   2.0A Low Output Voltage Ultra LDO Regulator
More results

Similar Description - TJ2110LGSF5

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
   Single-Channel Power Distribution Switch MM8짰
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22804 DIODES-AP22804 Datasheet
932Kb / 19P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
July 2017
logo
Advanced Monolithic Sys...
AMS2027 ADMOS-AMS2027 Datasheet
46Kb / 5P
   SINGLE POWER DISTRIBUTION SWITCH
AMS2027 ADMOS-AMS2027_05 Datasheet
50Kb / 5P
   SINGLE POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
   Single-Channel Power Distribution Switch Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com