Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ4230GRS-1.8V-3L Datasheet(PDF) 7 Page - HTC Korea TAEJIN Technology Co.

Part # TJ4230GRS-1.8V-3L
Description  3A Ultra Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ4230GRS-1.8V-3L Datasheet(HTML) 7 Page - HTC Korea TAEJIN Technology Co.

  TJ4230GRS-1.8V-3L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-1.8V-3L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-1.8V-3L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-1.8V-3L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-1.8V-3L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-1.8V-3L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-1.8V-3L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-1.8V-3L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-1.8V-3L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3A Ultra Low Dropout Linear Regulator
TJ4230
Apr. 2011 – Rev. 1. 0
7/9
HTC
Output Adjustment (Adjustable Version)
An adjustable output device has output voltage range of 0.8V to 5.0V. The operating condition of VIN and
the operating characteristics of VOUT depend on the dropout voltage performance in accordance with
output load current presented at Fig. 7. To obtain a desired output voltage, the following equation can be
used with R1 resistor range of 100Ω to 50kΩ.
COUT
10uF
CIN
10uF
EN
VIN
VOUT
ADJ
TJ4230
GND
VIN
VOUT
EN
R2
R1
CFF
=
1
8
0
1
2
.
V
R
R
OUT
Fig. 4. Application for Adjustable Output Voltage
To enhance output stability, a feed-forward capacitor of 10nF to 1uF can be placed in series with VOUT and
ADJ.(Refer to "Component Selection" Section)
SENSE Pin
In applications where the regulator output is not very close to the load, the TJ4230 can provide better
remote load regulation characteristics using the SENSE pin. TJ4230 regulates the voltage at the output
pin. Hence, the voltage at the remote load will be lower than the voltage at the output pin as a value of
the voltage drop across the trace series resistance. If the sense option pin is not required, the sense pin
must be connected to the VOUT pin. Connecting the sense pin to the remote load will provide regulation
at the remote load because the TJ4230 regulates the voltage at the sense pin when the sense option pin
is used.
Fig. 5. Conventional Linear Regulator Application
Fig.6. Remote Load Sense Application
Maximum Output Current Capability
The TJ4230 can deliver a continuous current of 3A over the full operating junction temperature range.
However, the output current is limited by the restriction of power dissipation which differs from packages.
A heat sink may be required depending on the maximum power dissipation and maximum ambient
temperature of application. With respect to the applied package, the maximum output current of 3A may
be still undeliverable due to the restriction of the power dissipation of TJ4230. Under all possible
conditions, the junction temperature must be within the range specified under operating conditions.
The temperatures over the device are given by:
TC = TA + PD X θCA
TJ = TC + PD X θJC
TJ = TA + PD X θJA


Similar Part No. - TJ4230GRS-1.8V-3L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ4203GQ-ADJ HTC-TJ4203GQ-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GQ-X.X HTC-TJ4203GQ-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-ADJ HTC-TJ4203GSF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-X.X HTC-TJ4203GSF5-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GTF5-ADJ HTC-TJ4203GTF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ4230GRS-1.8V-3L

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com