Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ4230GR-1.8V-3L Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TJ4230GR-1.8V-3L
Description  3A Ultra Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ4230GR-1.8V-3L Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TJ4230GR-1.8V-3L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ4230GR-1.8V-3L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ4230GR-1.8V-3L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ4230GR-1.8V-3L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ4230GR-1.8V-3L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ4230GR-1.8V-3L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ4230GR-1.8V-3L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ4230GR-1.8V-3L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ4230GR-1.8V-3L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
3A Ultra Low Dropout Linear Regulator
TJ4230
Apr. 2011 – Rev. 1. 0
1/9
HTC
SOP8-PP
TO-252 3L / 5L PKG
TO-263 3L / 5L PKG
ORDERING INFORMATION
Device
Package
TJ4230GDP-ADJ
TJ4230GDP-X.X
SOP8-PP
TJ4230GRS-ADJ
TJ4230GRS-X.X
TO-252 3L/5L
TJ4230GR-ADJ
TJ4230GR-X.X
TO-263 3L/5L
FEATURES
Ultra Low Dropout Voltage
Compatible with low ESR MLCC as Input/Output Capacitor
Good Line and Load Regulation
Guaranteed Output Current of 3A
Available in SOP8-PP, TO-252 and TO-263
Packages
Fixed Output Voltages : 1.0V, 1.2V, 1.8V, 2.5V, and 3.3V
SENSE Option Improves Load Regulation
Over-Temperature/Over-Current Protection
-40 ºC to 125 ºC Junction Temperature Range
APPLICATION
LCD TVs and SETTOP Boxes
Battery Powered Equipments
Motherboards and Graphic Cards
Microprocessor Power Supplies
Peripheral Cards
High Efficiency Linear Regulators
Battery Chargers
DESCRIPTION
The TJ4230 series of high performance ultra-low dropout
linear regulators operates from 2.5V to 6V input supply and
provides ultra-low dropout voltage, high output current with
low ground current. Wide range of preset output voltage
options are available. These ultra-low dropout linear
regulators respond fast to step changes in load which
makes them suitable for low voltage micro-processor
applications. The TJ4230 is developed on a CMOS process
technology which allows low quiescent current operation
independent of output load current. This CMOS process
also allows the TJ4230 to operate under extremely low
dropout conditions.
X.X = Output Voltage = 1.0, 1.2, 1.8, 2.5, and 3.3
Absolute Maximum Ratings
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Input Supply Voltage (Survival)
VIN
-
6.5
V
Enable Input Voltage (Survival)
VEN
-
6.5
V
Maximum Output Current
IMAX
-
3
A
Lead Temperature (Soldering, 5 sec)
TSOL
260
ºC
Storage Temperature Range
TSTG
-65
150
ºC
Operating Junction Temperature Range
TJOPR
-40
125
ºC
Package Thermal Resistance *
ΘJA-SOP8-PP
68
ºC/W
* Calculated from package in still air, mounted to 2.6mm X 3.5mm(minimum foot print) 2 layer PCB without thermal vias per JESD51 standards.


Similar Part No. - TJ4230GR-1.8V-3L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ4203GQ-ADJ HTC-TJ4203GQ-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GQ-X.X HTC-TJ4203GQ-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-ADJ HTC-TJ4203GSF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-X.X HTC-TJ4203GSF5-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GTF5-ADJ HTC-TJ4203GTF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ4230GR-1.8V-3L

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com