Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ4230GRS-2.5V-5L Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TJ4230GRS-2.5V-5L
Description  3A Ultra Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ4230GRS-2.5V-5L Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

  TJ4230GRS-2.5V-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-5L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-5L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-5L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-5L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ4230GRS-2.5V-5L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
3A Ultra Low Dropout Linear Regulator
TJ4230
Apr. 2011 – Rev. 1. 0
6/9
HTC
APPLICATION INFORMATION
Introduction
TJ4230 is intended for applications where high current capability and very low dropout voltage are required. It
provides a simple, low cost solution that occupies very little PCB estate. Additional features include an enable
pin to allow for a very low power consumption standby mode, an adjustable pin to provide a fully adjustable
output voltage, and SENSE pin to provide better remote load regulation characteristics.
Component Selection
Input Capacitor :
A large bulk capacitance over than 10uF should be closely placed to the input supply pin of the TJ4230 to
ensure that the input supply voltage does not sag. Also a minimum of 10uF ceramic capacitor is
recommended to be placed directly next to the VIN Pin. It allows for the device being some distance from any
bulk capacitor on the rail. Additionally, input droop due to load transients is reduced, improving load transient
response. Additional capacitance may be added if required by the application.(See Fig.1)
Output Capacitor :
A minimum ceramic capacitor over than 10uF should be very closely placed to the output voltage pin of the
TJ4230. Increasing capacitance will improve the overall transient response and stability.
Decoupling (Bypass) Capacitor :
In very electrically noisy environments, it is recommended that additional ceramic capacitors be placed from
VIN to GND. The use of multiple lower value ceramic capacitors in parallel with output capacitor also allows to
achieve better transient performance and stability if required by the application.(See Fig.1)
Feed-Forward Capacitor
To get the higher PSRR than the inherent performance of TJ4230, it is recommended that additional ceramic
feed-forward capacitor be placed from VOUT pin to ADJ pin. The capacitance of feed-forward capacitor with
range of 10pF to 1uF allows to achieve better PSRR performance when required by the application.(See
Fig.2)
Fig. 1. Application with Decoupling Capacitor,
Fig. 2. Application with Feed-Forward Capacitor,
CC1 & CC2
CFF
Delayed Start-Up
When power sequence control is required or rising time of input supply voltage is over than 100usec, it is
recommended to apply delayed start-up by using Cdelay as shown in Fig. 3. It can adjust proper delay by
Rp-Cdelay time constant. And also it can prevent any unexpected transient characteristics at output voltage
when the rising time of input supply voltage is as long as 100usec or longer.
Fig. 3. Application with Delayed Start-Up
COUT
10uF
EN
VIN
VOUT
SENSE
TJ4230
GND
VIN
VOUT
RP
CC2
CIN
10uF
CC1
COUT
10uF
CIN
10uF
EN
VIN
VOUT
ADJ
TJ4230
GND
VIN
VOUT
R2
R1
RP
CC2
CFF
CC1
COUT
10uF
CIN
10uF
EN
VIN
VOUT
ADJ
TJ4230
GND
VIN
VOUT
R2
R1
RP
CFF
Cdelay


Similar Part No. - TJ4230GRS-2.5V-5L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ4203GQ-ADJ HTC-TJ4203GQ-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GQ-X.X HTC-TJ4203GQ-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-ADJ HTC-TJ4203GSF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-X.X HTC-TJ4203GSF5-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GTF5-ADJ HTC-TJ4203GTF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ4230GRS-2.5V-5L

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com