Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TJ4230GR-2.5V-5L Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # TJ4230GR-2.5V-5L
Description  3A Ultra Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ4230GR-2.5V-5L Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  TJ4230GR-2.5V-5L Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ4230GR-2.5V-5L Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ4230GR-2.5V-5L Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ4230GR-2.5V-5L Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ4230GR-2.5V-5L Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ4230GR-2.5V-5L Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ4230GR-2.5V-5L Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ4230GR-2.5V-5L Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ4230GR-2.5V-5L Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
3A Ultra Low Dropout Linear Regulator
TJ4230
Apr. 2011 – Rev. 1. 0
5/9
HTC
ELECTRICAL CHARACTERISTICS
(Note 1)
Limits in standard typeface are for TJ=25ºC, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: VIN
(Note 2)
= VO(NOM) + 1 V, IL = 10 mA, CIN = 10 uF, COUT = 10 uF, VEN = VIN - 0.3 V
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage Tolerance
VO
VOUT+1 V < VIN < 5.5 V
-2
-3
0
2
3
%
Adjustable Pin Voltage
(ADJ version)
VADJ
2.5 V < VIN < 5.5 V
0.784
0.776
0.8
0.816
0.824
V
Line Regulation
(Note 3)
ΔVLINE
VOUT+1 V < VIN < 5.5 V
-
0.15
-
0.40
%/V
Load Regulation
(Note 3, 4)
ΔVLOAD
10 mA < IL < 3 A
-
0.20
0.50
0.60
%
IL = 300 mA
-
45
55
65
Dropout Voltage
(Note 5)
VDROP
IL = 3 A
-
400
500
600
mV
IL = 300 mA
-
0.40
0.6
1.0
Ground Pin Current
(Note 6)
IGND
IL = 3 A
-
0.40
0.6
1.0
mA
Ground Pin Current
(Note 7)
IGND_OFF
VEN < 0.2 V
-
0.5
1
2
uA
f = 1kHz
-
55
-
Power Supply Rejection Ratio
PSRR
f = 1kHz, CFF = 1uF
-
65
-
dB
Thermal Shutdown Temperature
TSD
-
-
165
-
ºC
Logic Low
VIL
Output = Low
-
-
0.4
V
Enable threshold
Logic High
VIH
Output = High
2.0
-
-
V
Enable Input Current
IEN
VEN = VIN
-
0.1
-
1
uA
Note 1. Stresses listed as the absolute maximum ratings may cause permanent damage to the device. These are for stress ratings. Functional
operating of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may remain possibly to affect device reliability.
Note 2. The minimum operating value for input voltage is equal to either (VOUT,NOM + VDROP) or 2.5V, whichever is greater.
Note 3. Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the input line voltage.
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in load current.
Note 4. Regulation is measured at constant junction temperature by using a 10ms current pulse. Devices are tested for load regulation in the
load range from 10mA to 3A.
Note 5. Dropout voltage is defined as the minimum input to output differential voltage at which the output drops 2% below the nominal value.
Dropout voltage specification applies only to output voltages of 2.5V and above. For output voltages below 2.5V, the dropout voltage is
nothing but the input to output differential, since the minimum input voltage is 2.5V
Note 6. Ground current, or quiescent current, is the difference between input and output currents. It's defined by IGND1 = IIN - IOUT under the
given loading condition. The total current drawn from the supply is the sum of the load current plus the ground pin current.
Note 7. Ground current, or standby current, is the input current drawn by a regulator when the output voltage is disabled by an enable signal.


Similar Part No. - TJ4230GR-2.5V-5L

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ4203GQ-ADJ HTC-TJ4203GQ-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GQ-X.X HTC-TJ4203GQ-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-ADJ HTC-TJ4203GSF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-X.X HTC-TJ4203GSF5-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GTF5-ADJ HTC-TJ4203GTF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ4230GR-2.5V-5L

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com