Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-85042-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-85042-001
Description  ASSEMBLY, DIN 41612 C FEMALE, 96 POS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

SD-85042-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-85042-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-85042-001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SD-85042-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-85042-0001 MOLEX5-SD-85042-0001 Datasheet
256Kb / 3P
   ASSEMBLY DIN 41612 C FEMALE 96 POS 1.0MM PCB DIA
More results

Similar Description - SD-85042-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-85003-0001 MOLEX5-SD-85003-0001 Datasheet
120Kb / 2P
   ASSEMBLY, DIN 41612 C MALE 96 POS
SD-85042-0001 MOLEX5-SD-85042-0001 Datasheet
256Kb / 3P
   ASSEMBLY DIN 41612 C FEMALE 96 POS 1.0MM PCB DIA
logo
Adam Technologies, Inc.
DIN-96FS-L33-A1CX ADAM-TECH-DIN-96FS-L33-A1CX Datasheet
128Kb / 1P
   DIN 41612 96 POSITION FEMALE
DIN-64FR-L32-A1CX-BL ADAM-TECH-DIN-64FR-L32-A1CX-BL Datasheet
95Kb / 1P
   DIN 41612 96 POSITION FEMALE
logo
Dubilier
DBCDINF48CABS3 DUBILIER-DBCDINF48CABS3 Datasheet
539Kb / 1P
   DIN 41612 TYPE C - FEMALE
logo
Molex Electronics Ltd.
85042-1079 MOLEX11-85042-1079 Datasheet
40Kb / 3P
   2.54mm Pitch DIN 41612 Receptacle, Style C, 96 Circuits
logo
Adam Technologies, Inc.
DIN-64MR-L32-A1CX-BL ADAM-TECH-DIN-64MR-L32-A1CX-BL Datasheet
86Kb / 1P
   DIN 41612 96 POSITION MALE
DIN-64MR-L32-A1CX ADAM-TECH-DIN-64MR-L32-A1CX Datasheet
116Kb / 1P
   DIN 41612 96 POSITION MALE
DIN-64MR-L32-A1CX-BL-HT ADAM-TECH-DIN-64MR-L32-A1CX-BL-HT Datasheet
87Kb / 1P
   DIN 41612 96 POSITION MALE
logo
Molex Electronics Ltd.
0850423548 MOLEX9-0850423548 Datasheet
129Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Receptacle, Style C, 96 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com