Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMM115-01-L-D-RC Datasheet(PDF) 1 Page - Samtec, Inc

Part # TMM115-01-L-D-RC
Description  LOW PROFILE THROUGH-HOLE HEADER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

TMM115-01-L-D-RC Datasheet(HTML) 1 Page - Samtec, Inc

  TMM115-01-L-D-RC Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2,00mm) .0787"
TMM SERIES
TMM–112–01–L–D–RA
(2,00mm)
.0787"
Single, double
and quad row
(2,00mm)
.0787" pitch
Choice of five
lead styles
Ultra-low profile
(1,50mm) .059"
TMM–116–01–F–S
TMM–108–03–T–Q
TMM–108–04–S–D
WWW.SAMTEC.COM
TMM
Mates with:
CLT, SQT, SQW, ESQT,
TLE, SMM, MMS,
TCSD, TLSD
1
NO. PINS
PER ROW
LEAD
STYLE
OTHER
OPTION
PLATING
OPTION
ROW
OPTION
01 thru 50
–S
= Single Row
–D
= Double Row
–Q
= Four Row
Specify
LEAD
STYLE
from
chart
below.
(3,05)
.120
(3,20)
.126
D
(3,05) .120
(2,00)
.0787
B
C
A
(2,00) .0787
(3,94)
.155
(1,50)
.059
(2,00) .0787
(0,50) .020 SQ
No. of positions x
(2,00) .0787
(1,97)
.078
01
99
02
100
50
01
01
04
197
200
(8,00)
.315
(6,00)
.236
(3,05)
.120
(2,00)
.0787
(2,00).0787
(3,20)
.126
(1,27)
.050
–D
–S
–RA & –RE
For complete specifications
see www.samtec.com?TMM
Insulator Material:
Black Liquid
Crystal Polymer
Terminal Material:
Phosphor Bronze
Plating:
Sn or Au over 50µ" (1,27µm) Ni
Operating Temp Range:
-55°C to +105°C with Tin;
-55°C to +125°C with Gold
Voltage Rating:
500 VAC mated with SQW
450 VAC mated with SQT
RoHS Compliant:
Yes
Lead–Free Solderable:
Yes
(1,27)
.050
(3,56)
.140
–RA
–RE
OPTION
D
(
8,20)
.323
(5,69)
.224
(5,43)
.214
(9,58)
.377
(3,50)
.138
(3,00)
.118
(2,70)
.106
(2,29)
.090
(4,88)
.192
(3,20)
.126
(3,70)
.146
(4,00)
.158
(1,91)
.075
(1,65)
.065
(3,20)
.126
–01
–02
–03
–04
–05
–06
LEAD
STYLE
A
B
C
–Q
F-212
–Q –RA
–RC
HORIZONTAL
APPLICATIONS
SQT
TMM
Also Available
Note: Some lengths, styles
and options are non-standard,
non-returnable.
APPLICATION
Paste In Hole (PIH) processing.
Contact Samtec ASP Group.
High
Density
See TMMH Series.
Elevated
See TW Series.
Surface
Mount
See TMM Series.
Shrouded
Four Row
Vertical &
Right Angle
See TMMS Series.
–F
= Gold flash
on post,
Matte Tin on tail
–L
= 10µ" (0,25µm)
Gold on post,
Matte Tin on tail
–S
= 30µ" (0,76µm)
Gold on post,
Matte Tin on tail
–T
= Matte Tin
TM
–RA &
–RE
= Right Angle
(Lead Style
–01 only)
(2 positions
minimum, –Q
row)
–RC
= Retention Clip
(Mates with
TCSD)
(Double row only,
4 positions
minimum, only
available –06
lead style)
–“XXX”
= Polarized
Position
(Specify position
of omitted pin)
Press Fit
See PTT Series.
Retention Clip Option (–RC)
SPECIFICATIONS
AMBIENT
TEMP
3.9A
3.5A
3A
2A
CURRENT RATING
Mated with
SMM
20°C
40°C
60°C
95°C
6 POSITIONS (2x3) POWERED
LOW PROFILE THROUGH-HOLE HEADER
EXTENDED LIFE PRODUCT
10 year Mixed Flowing Gas with 30µ" Gold
TM
1,000 cycles when mated with SMM
Note:
Other Gold
plating options
available.
Contact Samtec.


Similar Part No. - TMM115-01-L-D-RC

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TMM SAMTEC-TMM Datasheet
301Kb / 1P
   TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
logo
Transko Electronics, In...
TMM TRANSKO-TMM Datasheet
981Kb / 7P
   MEMS OSCILLATOR
Rev 3: 06-27-2022
logo
Samtec, Inc
TMM SAMTEC-TMM Datasheet
240Kb / 1P
   (2.00 mm) .0787" PITCH
Rev 17AUG21
logo
Amphenol Corporation
TMM-1-0-20-1 AMPHENOL-TMM-1-0-20-1 Datasheet
58Kb / 2P
   TMM CONNECTOR SERIES
TMM-1-L-04-1 AMPHENOL-TMM-1-L-04-1 Datasheet
319Kb / 1P
   TMM SERIES SMT FEMALE STRAIGHT
More results

Similar Description - TMM115-01-L-D-RC

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TMM-102-03-G-S SAMTEC-TMM-102-03-G-S Datasheet
1Mb / 1P
   LOW PROFILE THROUGH-HOLE HEADER
logo
Kersemi Electronic Co.,...
IRF520NS KERSEMI-IRF520NS Datasheet
1Mb / 10P
   Low-profile through-hole (IRF520NL)
logo
Samtec, Inc
TFM-105-02-S-D-LC-P-TR SAMTEC-TFM-105-02-S-D-LC-P-TR Datasheet
1Mb / 2P
   SMT THROUGH-HOLE HEADER
TFM-105-02-L-D SAMTEC-TFM-105-02-L-D Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
FTSH-120-01-F-D-EJ SAMTEC-FTSH-120-01-F-D-EJ Datasheet
990Kb / 1P
   THROUGH-HOLE MICRO HEADER
TFM-105-02-S-D-P-TR SAMTEC-TFM-105-02-S-D-P-TR Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-L-D-WT SAMTEC-TFM-105-02-L-D-WT Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
TFM-105-02-S-D SAMTEC-TFM-105-02-S-D Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE HEADER
HTMS-105-01-G-S SAMTEC-HTMS-105-01-G-S Datasheet
454Kb / 1P
   THROUGH-HOLE MICRO HEADER
TMS SAMTEC-TMS Datasheet
506Kb / 1P
   THROUGH-HOLE MICRO HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com