Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591-2201-002F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 591-2201-002F
Description  Surface Mount LED Selector Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-2201-002F Datasheet(HTML) 2 Page - Dialight Corporation

  591-2201-002F Datasheet HTML 1Page - Dialight Corporation 591-2201-002F Datasheet HTML 2Page - Dialight Corporation 591-2201-002F Datasheet HTML 3Page - Dialight Corporation 591-2201-002F Datasheet HTML 4Page - Dialight Corporation 591-2201-002F Datasheet HTML 5Page - Dialight Corporation 591-2201-002F Datasheet HTML 6Page - Dialight Corporation 591-2201-002F Datasheet HTML 7Page - Dialight Corporation 591-2201-002F Datasheet HTML 8Page - Dialight Corporation 591-2201-002F Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Prism
® CBI®
Dialight’s Prism indicators are the industry’s only SMD indicator series designed to survive 260°C peak reflow
temperature AND provide the aesthetic appeal of a diffused lens for enhanced viewing. Ideal for
limited-space applications and board-edge mounting, the Prism Series is available in a variety of package
sizes including single level, bi-level, and tri-level configuration and in 2mm and 3mm lens size. The integral light
pipes used in Prism are engineered for maximum light transmission and minimal light bleed while the diffused
lens is also ideal for bi-color and tri-color applications where color-mixing is desired.
Micro LED
® SMD LED
Dialight’s Micro LED Surface Mount LED product line provides one of the industry’s widest range of discrete LEDs.
Packaged in ChipLED, PLCC, right-angle and reverse-mount configurations, Dialight offers a full range off
colors and intensities, including the latest AllnGaP and InGaN technology.
With such a wide variety of
mounting styles, colors, intensities, viewing angles and lens features, Micro LED series is sure to include a
cost-effective solution to any application.
Contact your Authorized Dialight Distributor or local Sales Representative for more information or samples.
http://www.dialight.com/WhereToBuy/Status-Indication
Features and Benefits
Prism
® CBI®
• Compatible with automatic pick-and-place
equipment for reduced installation costs
• RoHS Compliant
• Available with 2mA low current LED
• Eliminates wave soldering process
• Black, low-profile PPA housing enhances
the contrast ratio for better clarity
www.dialight.com
Index
02 Product Overview
Prism
® CBI®
03 591 Series
04 592 Series
05 593 Series
06 595 Series
Micro LED
® SMD LED
07 Micro LED
® SMD LED
09 PLCC
Reverse Mount
Right Angle
10 Right Angle
Drawings
11 Micro LED
® SMD
12 Micro LED
® SMD
Right Angle
13 Reverse Mount
PLCC
591Series pad layouts
New Products
14 Low Current LEDs
The following pages are organized as a product overview. Additional information is available at www.dialight.com including detailed specs
and schematics, 3D models, and operating characteristics. The most recent version of this selector guide can be found at:
http://www.dialight.com/Assets/Brochures_And_Catalogs/Indication/SMT_Selector_Guide.pdf
Micro LED
® SMD LED
• Can be used with Dialight’s wide-range of Optopipe
®
series light pipes.
• Package sizes include 0603, 0606, 0805, 1206,
1208,1210,1616
• Compatible with infrared reflow processes and JEDEC
standards
• Helps to eliminate mixed technology pc board processing
• RoHS compliant
• Available in 2mA low current versions
Typical Applications
• Data center Infrastructure
• Servers - Rack mount; blade; tower
• Storage – High-performance storage subsystems for high- end enterprise
• Networking Equipment for enterprise data centers and telecom communication centers
• Switches, routers, and network control equipment interconnected using fiber optic and
high speed wiring
• Storage Networking Hardware
• Fiber channel host bus adapter cards (HBAs); converged network adapter cards (CNAs);
\ISCSi adapter cards; InfiniBand adapter cards
• Next-Gen Wireless
• Wireless Infrastructure
• Electronic Test & Measurement Instruments
• Communications Testing Equipment
• Process controls
• Automation
• Medical
• Handheld devices
• Battery powered applications (2mA version)
2
40 Years of LED Experience


Similar Part No. - 591-2201-002F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2201-002F DIALIGHT-591-2201-002F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
More results

Similar Description - 591-2201-002F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
Dialight Corporation
553-0177F DIALIGHT-553-0177F Datasheet
640Kb / 16P
   CBI LED Circuit Board Indicator Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com