Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

591-2304-002F Datasheet(PDF) 3 Page - Dialight Corporation

Part # 591-2304-002F
Description  Surface Mount LED Selector Guide
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-2304-002F Datasheet(HTML) 3 Page - Dialight Corporation

  591-2304-002F Datasheet HTML 1Page - Dialight Corporation 591-2304-002F Datasheet HTML 2Page - Dialight Corporation 591-2304-002F Datasheet HTML 3Page - Dialight Corporation 591-2304-002F Datasheet HTML 4Page - Dialight Corporation 591-2304-002F Datasheet HTML 5Page - Dialight Corporation 591-2304-002F Datasheet HTML 6Page - Dialight Corporation 591-2304-002F Datasheet HTML 7Page - Dialight Corporation 591-2304-002F Datasheet HTML 8Page - Dialight Corporation 591-2304-002F Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Square Lens
Round Lens
591 Series Prism
®
CBI
®
Single Level Surface Mount LED
Color Field
Operating Characteristics
Color
Code
Color
Material
Feature
Test
Condition
Vf Typ
(Volts)
Type Luminous
Intensity
(mcd)
Type Dom
Wavelength
(nm)
20*
Red
GaAsP/GaP
Hi. Efficiency If = 10mA
2.0
5.0
628
21
Red
AlGaAs
-----
If = 10mA
1.8
23.9
645
22
Green
AlGaP
Hi. Intensity
If = 10mA
2.1
9.1
570
23*
Green
GaP
-----
If = 10mA
2.0
4.0
570
24*
Yellow
GaAsP/GaP
-----
If = 10mA
2.0
5.0
587
25*
Orange
GaAsP
-----
If = 10mA
2.0
13.7
606
26
Blue
InGaN
-----
If = 20mA
3.5
6.0
465
27
Yellow
AlInGaP
-----
If = 10mA
2.0
33.6
587
28
White
InGaN
-----
If = 20mA
3.5
19.0
x .33
y .33
30
R/G
GaAsP
-----
If = 10mA
2.0/2.0
6.5/8.0
628/570
31
Y/G
GaAsP/GaP
-----
If = 10mA
2.0/2.0
6.5/8.0
586/570
32
R/Y
AlGaP/AlGaP
-----
If = 10mA
2.0/2.0
6.5/6.5
528/586
34
R/B
AlInGaP/GaN
-----
If = 20mA
1.9/3.9
30/5
626/470
35
R/G/B
AlInGaP/InGaN
-----
If = 20mA 2.6/4.5/2.6
10/5/16
645/466/570
36
O/G
GaAsP/GaP
-----
If = 10mA
2.0/2.0
5.5/8.5
606/570
Order Code
591- XX 0 X -X X X F
Color
Current
Package Options
Lens Type
www.dialight.com
Specifications
1
Current
Current Code
Current Type
1
Standard
4
Low Current
2
Lens Type
Lens Code
Lens Type
0
Round
1
Square
Packaging Type
Packaging Code
Packaging
02
20 piece strip
07
7" Reel
13
13" Reel
*Low current version only available in marked colors (*). See page 14 for details.
.105+.010
[2,66+0,25]
.240+.010
[6,1+0,25]
Ø.112 TYP
[2,85]
.004
[0,1]
MAX BELOW
SURFACE A
.120
[3,05]
C OF LED
L
.007
[0,18]
MAX ABOVE
SURFACE A
CATHODE ID
LED LEAD
SOLDERING
SURFACE A
.082+.010
.107+.005
.004
MAX
BELOW
SURFACE A
.120
C OF LED
L
.007
MAX ABOVE
SURFACE A
CATHODE ID
.240 REF
LED LEAD
SOLDERING
SURFACE A
.170+.010
[4,32+0,25]
.112+.05
[2,85+0,12]
,120
+,005
-,010
[3,05+0,13]
- 0,25
SOLDER PLATED
TYP
.198+.010
[5,03+0,25]
.198+.009
SOLDER PLATED
TYP
.170 REF
.125 MAX
2Detail on page 14
1For pad layout please see page 13
RoHS Compliant
3


Similar Part No. - 591-2304-002F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2304-002 DIALIGHT-591-2304-002 Datasheet
1Mb / 16P
   Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
More results

Similar Description - 591-2304-002F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
logo
Dialight Corporation
553-0177F DIALIGHT-553-0177F Datasheet
640Kb / 16P
   CBI LED Circuit Board Indicator Selector Guide
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com