Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS600-FGG484 Datasheet(PDF) 70 Page - Microsemi Corporation

Part # AFS600-FGG484
Description  Fusion Family of Mixed Signal FPGAs
Download  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484 Datasheet(HTML) 70 Page - Microsemi Corporation

Back Button AFS600-FGG484 Datasheet HTML 66Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 67Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 68Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 69Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 70Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 71Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 72Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 73Page - Microsemi Corporation AFS600-FGG484 Datasheet HTML 74Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 334 page
background image
Device Architecture
2-54
Revision 4
Flash Memory Block Characteristics
Figure 2-44 • Reset Timing Diagram
Table 2-25 • Flash Memory Block Timing
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
–2
–1
Std.
Units
tCLK2RD
Clock-to-Q in 5-cycle read mode of the Read Data
7.99
9.10
10.70
ns
Clock-to-Q in 6-cycle read mode of the Read Data
5.03
5.73
6.74
ns
tCLK2BUSY
Clock-to-Q in 5-cycle read mode of BUSY
4.95
5.63
6.62
ns
Clock-to-Q in 6-cycle read mode of BUSY
4.45
5.07
5.96
ns
tCLK2STATUS
Clock-to-Status in 5-cycle read mode
11.24
12.81
15.06
ns
Clock-to-Status in 6-cycle read mode
4.48
5.10
6.00
ns
tDSUNVM
Data Input Setup time for the Control Logic
1.92
2.19
2.57
ns
tDHNVM
Data Input Hold time for the Control Logic
0.00
0.00
0.00
ns
tASUNVM
Address Input Setup time for the Control Logic
2.76
3.14
3.69
ns
tAHNVM
Address Input Hold time for the Control Logic
0.00
0.00
0.00
ns
tSUDWNVM
Data Width Setup time for the Control Logic
1.85
2.11
2.48
ns
tHDDWNVM
Data Width Hold time for the Control Logic
0.00
0.00
0.00
ns
tSURENNVM
Read Enable Setup time for the Control Logic
3.85
4.39
5.16
ns
tHDRENNVM
Read Enable Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUWENNVM
Write Enable Setup time for the Control Logic
2.37
2.69
3.17
ns
tHDWENNVM
Write Enable Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUPROGNVM
Program Setup time for the Control Logic
2.16
2.46
2.89
ns
tHDPROGNVM
Program Hold time for the Control Logic
0.00
0.00
0.00
ns
tSUSPAREPAGE
SparePage Setup time for the Control Logic
3.74
4.26
5.01
ns
tHDSPAREPAGE
SparePage Hold time for the Control Logic
0.00
0.00
0.00
ns
tSUAUXBLK
Auxiliary Block Setup Time for the Control Logic
3.74
4.26
5.00
ns
tHDAUXBLK
Auxiliary Block Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSURDNEXT
ReadNext Setup Time for the Control Logic
2.17
2.47
2.90
ns
tHDRDNEXT
ReadNext Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUERASEPG
Erase Page Setup Time for the Control Logic
3.76
4.28
5.03
ns
tHDERASEPG
Erase Page Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUUNPROTECTPG
Unprotect Page Setup Time for the Control Logic
2.01
2.29
2.69
ns
tHDUNPROTECTPG
Unprotect Page Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUDISCARDPG
Discard Page Setup Time for the Control Logic
1.88
2.14
2.52
ns
tHDDISCARDPG
Discard Page Hold Time for the Control Logic
0.00
0.00
0.00
ns
tSUOVERWRPRO
Overwrite Protect Setup Time for the Control Logic
1.64
1.86
2.19
ns
tHDOVERWRPRO
Overwrite Protect Hold Time for the Control Logic
0.00
0.00
0.00
ns
CLK
RESET
Active Low, Asynchronous
BUSY


Similar Part No. - AFS600-FGG484

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AFS600-FGG256ES ACTEL-AFS600-FGG256ES Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
AFS600-FGG256I ACTEL-AFS600-FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
AFS600-FGG256PP ACTEL-AFS600-FGG256PP Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
More results

Similar Description - AFS600-FGG484

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com