Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGLN250V2-VQG100 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # AGLN250V2-VQG100
Description  Terrestrial FPGA and SoC Product Catalog
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLN250V2-VQG100 Datasheet(HTML) 5 Page - Microsemi Corporation

  AGLN250V2-VQG100 Datasheet HTML 1Page - Microsemi Corporation AGLN250V2-VQG100 Datasheet HTML 2Page - Microsemi Corporation AGLN250V2-VQG100 Datasheet HTML 3Page - Microsemi Corporation AGLN250V2-VQG100 Datasheet HTML 4Page - Microsemi Corporation AGLN250V2-VQG100 Datasheet HTML 5Page - Microsemi Corporation AGLN250V2-VQG100 Datasheet HTML 6Page - Microsemi Corporation AGLN250V2-VQG100 Datasheet HTML 7Page - Microsemi Corporation AGLN250V2-VQG100 Datasheet HTML 8Page - Microsemi Corporation AGLN250V2-VQG100 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
www.microsemi.com/soc
• IntegratedA/Dconverter(ADC)
with8-,10-and12-bit
resolutionand30scalable
analog input channels
• ADCaccuracybetterthan
1percent
• On-chipvoltage,currentand
temperature monitors
• In-systemconfigurable
analog supports a wide
varietyofapplications
• Upto1MBofuserflashmemory
• Extensiveclockingresources
• AnalogPLLs
• 1percentRCoscillator
• Crystaloscillatorcircuit
• Real-timecounter(RTC)
• FlashFPGAfabric
• Reprogrammable
• Liveatpower-up
• Maximumdesignsecurity
• Ultra-lowpower
• Configurationmemoryerror
immune
• Clockmanagement
• AdvancedI/Ostandards
• UsernonvolatileFlashROM
Notes:
1. Refer to the Cortex-M1 product brief for more information.
2. Pigeon Point devices only offered in FG484 and FG256 packages.
3. MicroBlade devices only offered in FG256 package.
Notes:
1. Pigeon Point devices only offered in FG484 and FG256 packages.
2. MicroBlade devices only offered in FG256 package.
3. These packages are available only as RoHS-compliant (QNG package specifier).
4. AFS250 and AFS600 PQ208 devices are not pin-compatible.
5. Available in RoHS-compliant and standard leaded packages.
Fusion
Package I/Os: Single-/Double-Ended (Analog)
Fusion Mixed Signal FPGAs
AFS090
AFS250
AFS600
AFS1500
Cortex-M1Devices
M1AFS250
M1AFS600
M1AFS1500
Pigeon Point Devices
P1AFS6001
P1AFS15001
MicroBladeDevices
U1AFS6002
QN1083
37/9 (16)
QN1803
60/16 (20)
65/15 (24)
PQ2084
93/26 (24)
95/46 (40)
FG2565
75/22 (20)
114/37 (24)
119/58 (40)
119/58 (40)
FG4845
172/86 (40)
223/109 (40)
FG6765
252/126 (40)
Fusion Devices
Theworld’sfirstmixedsignalFPGA
Fusion FPGAs integrate configurable analog, large flash memory blocks, comprehensive clock generation and management circuitry and high-performance,
flash-based programmable logic in a monolithic device. The Fusion architecture can be used with soft microcontroller cores, such as the performance-optimized
ARM Cortex-M1, 8051s or Microsemi’s own CoreABC, the smallest soft microcontroller for FPGAs.
Fusion Devices
AFS090
AFS250
AFS600
AFS1500
Cortex-M1Devices1
M1AFS250
M1AFS600
M1AFS1500
Pigeon Point Devices
P1AFS6002
P1AFS15002
MicroBladeDevices
U1AFS6003
General
Information
System Gates
90,000
250,000
600,000
1,500,000
Tiles(D–flip–flops)
2,304
6,144
13,824
38,400
AES-protected ISP
Yes
Yes
Yes
Yes
PLLs
1
1
2
2
Globals
18
18
18
18
Memory
FlashMemoryBlocks(2Mbits)
1
1
2
4
TotalFlashMemoryBits
2 M
2 M
4 M
8 M
FlashROMBits
1,024
1,024
1,024
1,024
RAMBlocks(4,608bits)
6
8
24
60
RAM(Kbits)
27
36
108
270
Analog and I/Os
Analog Quads
5
6
10
10
Analog Input Channels
15
18
30
30
Gate Driver Outputs
5
6
10
10
I/OBanks(+JTAG)
4
4
5
5
Maximum Digital I/Os
75
114
172
252
Analog I/Os
20
24
40
40


Similar Part No. - AGLN250V2-VQG100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGLN250V2-VQG100 MICROSEMI-AGLN250V2-VQG100 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
AGLN250V2-VQG100I MICROSEMI-AGLN250V2-VQG100I Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
AGLN250V2-VQG100I MICROSEMI-AGLN250V2-VQG100I Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
AGLN250V2-VQG100PP MICROSEMI-AGLN250V2-VQG100PP Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
AGLN250V2-VQG100Y MICROSEMI-AGLN250V2-VQG100Y Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - AGLN250V2-VQG100

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P030-QNG48 MICROSEMI-A3P030-QNG48 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
DS0128 MICROSEMI-DS0128 Datasheet
1Mb / 140P
   IGLOO2 FPGA and SmartFusion2 SoC FPGA
Revision 12.0
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
   interactive product catalog
logo
Teccor Electronics
Q8008L5 TECCOR-Q8008L5 Datasheet
2Mb / 223P
   Thyristor Product Catalog
K0900E70 TECCOR-K0900E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
   Consumer Aftermarket Product Catalog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com