Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA3031 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BGA3031
Description  DOCSIS 3.0 upstream amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA3031 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BGA3031 Datasheet HTML 7Page - NXP Semiconductors BGA3031 Datasheet HTML 8Page - NXP Semiconductors BGA3031 Datasheet HTML 9Page - NXP Semiconductors BGA3031 Datasheet HTML 10Page - NXP Semiconductors BGA3031 Datasheet HTML 11Page - NXP Semiconductors BGA3031 Datasheet HTML 12Page - NXP Semiconductors BGA3031 Datasheet HTML 13Page - NXP Semiconductors BGA3031 Datasheet HTML 14Page - NXP Semiconductors BGA3031 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
BGA3031
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 15 August 2013
11 of 19
NXP Semiconductors
BGA3031
DOCSIS 3.0 upstream amplifier
VCC = 5 V; current setting = 3; Tcase = 25 C;
Pi =30dBmV.
(1) f = 5 MHz
(2) f = 42 MHz
(3) f = 85 MHz
VCC = 5 V; Pi = 30 dBmV; PL = 64 dBmV;
current setting = 3; gain setting = 63.
(1) Tcase = 10 C
(2) Tcase = +25 C
(3) Tcase = +85 C
Fig 7.
Differential gain error as a function of gain
setting; typical values
Fig 8.
Second harmonic level as a function of
frequency; typical values
VCC = 5 V; Pi = 30 dBmV; PL = 64 dBmV;
current setting = 3; gain setting = 63.
(1) Tcase = 10 C
(2) Tcase = +25 C
(3) Tcase = +85 C
VCC = 5 V; Pi = 27 dBmV per tone; PL = 61 dBmV per
tone; current setting = 3; gain setting = 63.
(1) Tcase = 10 C
(2) Tcase = +25 C
(3) Tcase = +85 C
Fig 9.
Third harmonic level as a function of
frequency; typical values
Fig 10. Third order intermodulation distortion as a
function of frequency; typical values


Similar Part No. - BGA3031

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 NXP-BGA3012 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3012 PHILIPS-BGA3012_15 Datasheet
151Kb / 15P
   1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
BGA3015 NXP-BGA3015 Datasheet
151Kb / 15P
   1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
BGA3015 PHILIPS-BGA3015_15 Datasheet
151Kb / 15P
   1 GHz 15 dB gain wideband amplifier MMIC
Rev. 3-25 September 2013
More results

Similar Description - BGA3031

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3518ETPT MAXIM-MAX3518ETPT Datasheet
455Kb / 9P
   DOCSIS 3.0 Upstream Amplifier
Rev 0; 2/09
MAX3519 MAXIM-MAX3519 Datasheet
767Kb / 12P
   DOCSIS 3.0 Upstream Amplifier
19-7344; Rev 1; 1/16
logo
NXP Semiconductors
BGA3131 NXP-BGA3131 Datasheet
544Kb / 26P
   DOCSIS 3.1 upstream amplifier
Rev. 1-13 May 2016
logo
TriQuint Semiconductor
TAT2814A1L TRIQUINT-TAT2814A1L_15 Datasheet
711Kb / 12P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A TRIQUINT-TAT2814A Datasheet
720Kb / 11P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
logo
List of Unclassifed Man...
MT1550 ETC1-MT1550 Datasheet
131Kb / 2P
   UPSTREAM AMPLIFIER
MT1530 ETC1-MT1530 Datasheet
437Kb / 14P
   UPSTREAM AMPLIFIER
logo
RF Micro Devices
S518324-44Z RFMD-S518324-44Z Datasheet
162Kb / 7P
   UPSTREAM CATV AMPLIFIER
logo
Maxim Integrated Produc...
MAX3509 MAXIM-MAX3509 Datasheet
216Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/00
MAX3510 MAXIM-MAX3510_07 Datasheet
151Kb / 12P
   Upstream CATV Amplifier
Rev 4; 5/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com