Electronic Components Datasheet Search |
|
BA00CC0WT-E2 Datasheet(PDF) 4 Page - Rohm |
|
BA00CC0WT-E2 Datasheet(HTML) 4 Page - Rohm |
4 / 20 page Datasheet 4/17 BA00DD0xx series BA00CC0xx series TSZ02201-0R6R0A600080-1-2 25.July.2013 Rev.002 TSZ22111・15・001 © 2013 ROHM Co., Ltd. All rights reserved. www.rohm.com ●Electrical Characteristics BA00CC0xx Series (Unless otherwise specified, Ta=25℃, VCTL=5V, Vcc=10V,Io=500mA,Vo=5V Setting) Parameter Symbol Limit Unit Conditions Min. Typ. Max. Shut Down Current Isd - 0 10 μA VCTL=0V Bias Current Ib - 2.5 5.0 mA VCTL =2V, Io=0mA C Terminal Voltage Vc 1.200 1.225 1.250 V Io=50mA Dropout Voltage ΔVd - 0.3 0.5 V Vcc=Vo×0.95 Peak Output Current Io 1.0 - - A Ripple Rejection R.R. 45 55 - dB f=120Hz, ein ※4=1Vrms, Io=100mA Line Regulation Reg.I - 20 100 mV Vcc=6→25V Load Regulation Reg.L - 50 150 mV Io=5mA→1A Temperature Coefficient of Output Voltage ※5 Tcvo - ±0.02 - %/℃ Io=5mA,Tj=0℃ to 125℃ Output Short Current Ios - 0.40 - A Vcc=25V ON Mode Voltage VthH 2.0 - - V ACTIVE MODE, Io=0mA OFF Mode Voltage VthL - - 0.8 V OFF MODE, Io=0mA Input High Current ICTL 100 200 300 μA VCTL=5V, Io=0mA ※4 ein : Input Voltage Ripple ※5 Not 100% tested BA00DD0xx Series (Unless otherwise specified, Ta=25℃, Vcc=8V, VCTL=3V, Vo=5.0V setting) Parameter Symbol Limit Unit Conditions Min. Typ. Max. Shut Down Current Isd - 0 10 μA VCTL =0V, Io=0mA Bias Current Ib - 0.9 2.0 mA Io=0mA ADJ pin Voltage Vadj 1.257 1.270 1.283 V Io=100mA ADJ pin Current ※6 Iadj - 50 - nA Io=0mA Dropout Voltage1 △Vd1 - 0.3 0.5 V Vcc=0.95×Vo, Io=1A Dropout Voltage2 △Vd2 - 0.45 0.7 V Vcc=0.95×Vo, Io=2A Peak Output Current Io 2.0 - - A Ripple Rejection R.R. - 55 - dB f=120Hz, ein ※7 =-20dBV, Io=100mA Line Regulation Reg.I - 15 35 mV Vcc=5.7V→25V, Io=200mA Load Regulation Reg.L - 50 100 mV Io=0mA→2A Temperature Coefficient of Output Voltage ※6 Tcvo - ±0.02 - %/℃ Io=5mA, Tj=0℃ to 125℃ Output Short Current Ios - 0.4 - A Vcc=25V CTL ON Mode Voltage Von 2.0 - Vcc V ACTIVE MODE, Io=0mA CTL OFF Mode Voltage Voff - - 0.8 V OFF MODE, Io=0mA CTL Input Current ICTL - 60 120 μA VCTL =3V, Io=0mA ※6 Not 100% tested ※7 ein=Input Voltage Ripple |
Similar Part No. - BA00CC0WT-E2 |
|
Similar Description - BA00CC0WT-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |