Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB22S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SB22S
Description  Voltage 20V ~100V 2.0Amp Schottky Barrier Bridge Rectifers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SB22S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SB22S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SB22S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SB22S ~ SB210S
Voltage 20V ~ 100V
2.0 Amp Schottky Barrier Bridge Rectifiers
Elektronische Bauelemente
22-Mar -2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - SB22S

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SB22S HY-SB22S Datasheet
425Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
logo
SAMYANG ELECTRONICS CO....
SB22S SAMYANG-SB22S Datasheet
1Mb / 3P
   Schottky Bridge Rectif iers
logo
DATEL, Inc.
SB22S3.3-15 DATEL-SB22S3.3-15 Datasheet
185Kb / 1P
   Sixteenth-Brick 50-Watt, 3.3 Volts Output
SB22S5-8 DATEL-SB22S5-8 Datasheet
185Kb / 1P
   Sixteenth-Brick 40-Watt, 5 Volts Output
logo
SeCoS Halbleitertechnol...
SB22S SECOS-SB22S_15 Datasheet
261Kb / 2P
   2.0 Amp Schottky Barrier Bridge Rectifiers
More results

Similar Description - SB22S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM320HT SECOS-SM320HT Datasheet
252Kb / 3P
   Voltage 20V ~100V 3.0 Amp Surface Mount Schottky Barrier Rectifers
logo
First Silicon Co., Ltd
SS22A FS-SS22A Datasheet
186Kb / 2P
   VOLTAGE 20V ~ 200V 2.0AMP Surface Mount Schottky Barrier Rectifiers
SK22A FS-SK22A Datasheet
189Kb / 3P
   VOLTAGE 20V ~ 60V 2.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR120 SECOS-SR120 Datasheet
189Kb / 2P
   VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
   VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR1620 SECOS-SR1620 Datasheet
248Kb / 2P
   VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
SM1020C SECOS-SM1020C_11 Datasheet
248Kb / 2P
   Voltage 20V~100V 10.0 Amp Schottky Barrier Rectifiers
SM2020D SECOS-SM2020D_12 Datasheet
298Kb / 2P
   Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
SR220 SECOS-SR220 Datasheet
102Kb / 2P
   VOLTAGE 20V ~ 100V 2.0 AMP Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
   2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com