Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA15JC5T Datasheet(PDF) 2 Page - Rohm

Part # BA15JC5T
Description  1.5A Variable/Fixed Output LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA15JC5T Datasheet(HTML) 2 Page - Rohm

  BA15JC5T Datasheet HTML 1Page - Rohm BA15JC5T Datasheet HTML 2Page - Rohm BA15JC5T Datasheet HTML 3Page - Rohm BA15JC5T Datasheet HTML 4Page - Rohm BA15JC5T Datasheet HTML 5Page - Rohm BA15JC5T Datasheet HTML 6Page - Rohm BA15JC5T Datasheet HTML 7Page - Rohm BA15JC5T Datasheet HTML 8Page - Rohm BA15JC5T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/13
BAxxJC5 Series(Fixed)
BA00JC5WT(Variable)
Datasheet
TSZ02201-0R6R0A600140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
14.Feb.2012 Rev.001
●Lineup
Maximum output
current (Max.)
Shutdown
Switch
Package
Output
voltage(Typ.)
Orderable
Part Number
1.5A
No Switch
TO220FP-3
Tube of 500
1.5 V
BA15JC5T
1.8 V
BA18JC5T
2.5 V
BA25JC5T
3.0 V
BA30JC5T
3.3 V
BA33JC5T
5.0 V
BA50JC5T
6.0 V
BA60JC5T
6.3 V
BA63JC5T
8.0 V
BA80JC5T
9.0 V
BA90JC5T
12.0 V
BAJ2JC5T
With Switch
TO220FP-5
Variable
BA00JC5WT
●Block Diagrams / Standard Example Application Circuits / Pin Configurations / Pin Descriptions
[BAxxJC5T]
[BA00JC5WT]
Pin No.
Pin name
Function
1
Vcc
Power supply voltage input
2
GND
GND
3
OUT
Voltage output
Pin No.
Pin name
Function
1
CTL
Output voltage on/off control
2
Vcc
Power supply voltage input
3
GND
GND
4
OUT
Voltage output
5
C
ADJ pin
TO220FP-3
12 3
TOP VIEW
TOP VIEW
PIN
External capacit setting range
Vcc (1 Pin)
Approximately 0.33
μF
OUT (3 Pin)
22
μF to 1000μF
TSD
OCP
Driver
Vref
1
0.33
μF
Vcc
CTL
GND
OUT
3
4
22
μF
2
Vcc
C
5
Vcc
R2
R1
TSD
OCP
Driver
Vref
1
0.33μF
Vcc
Vcc
GND
OUT
2
3
22μF
Vcc
Fig.1
Fig.2
TO220FP-5
12 3 4 5
PIN
External capacit setting range
Vcc (2 Pin)
Approximately 0.33
μF
OUT (4 Pin)
22
μF to 1000μF


Similar Part No. - BA15JC5T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA15JC5T ROHM-BA15JC5T Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA15JC5T ROHM-BA15JC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
More results

Similar Description - BA15JC5T

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com