Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMA221 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # KMA221
Description  Programmable angle sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMA221 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button KMA221 Datasheet HTML 5Page - NXP Semiconductors KMA221 Datasheet HTML 6Page - NXP Semiconductors KMA221 Datasheet HTML 7Page - NXP Semiconductors KMA221 Datasheet HTML 8Page - NXP Semiconductors KMA221 Datasheet HTML 9Page - NXP Semiconductors KMA221 Datasheet HTML 10Page - NXP Semiconductors KMA221 Datasheet HTML 11Page - NXP Semiconductors KMA221 Datasheet HTML 12Page - NXP Semiconductors KMA221 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
KMA221
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 16 July 2013
9 of 36
NXP Semiconductors
KMA221
Programmable angle sensor
9.
Recommended operating conditions
[1]
Normal operation mode.
[2]
Between ground and analog output.
[3]
Command mode.
[4]
Power-loss detection is only possible with a load resistance within the specified range connected to the
supply or ground line.
10. Thermal characteristics
11. Characteristics
[1]
Normal operation and diagnostic mode excluding overvoltage and undervoltage within the specified
operating supply voltage range.
[2]
Without load current at the analog output.
[3]
Normal operation and diagnostic mode over full voltage range up to limiting supply voltage at steady state.
[4]
With minimum load resistance at the analog output.
[5]
Diagnostic mode for a supply voltage above the overvoltage threshold voltage up to the limiting supply
voltage.
Table 8.
Operating conditions
In a homogenous magnetic field.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
[1] 4.55.05.5V
Tamb
ambient temperature
40
-
+160
C
Tamb(pr)
programming ambient temperature
10
-
70
C
CL(ext)
external load capacitance
[1][2] 0
-
22
nF
[2][3] 0-
6.8
nF
RL(ext)
external load resistance
[4] 5-
k
Hext
external magnetic field strength
35
-
-
kA/m
Table 9.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to
ambient
100
K/W
Table 10.
Mechanical characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Flead
mechanical force to the leads
Tamb =25 C
--10
N
Ffin
mechanical force to the fin holder
Tamb =25 C
--15
N
Table 11.
Supply current
Characteristics are valid for the operating conditions, as specified in Section 9.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
supply current
[1][2] 5-
10.5
mA
[3][4] --13
mA
Ioff(ov)
overvoltage switch-off current
[5] --6
mA


Similar Part No. - KMA221

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
   Dual channel programmable angle sensor
Rev. 1-24 May 2012
More results

Similar Description - KMA221

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
   Programmable angle sensor
Rev. 01-18 October 2007
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
   Programmable angle sensor
Rev. 05-16 August 2005
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
   Programmable angle sensor
Rev. 01-26 April 2010
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
   Programmable angle sensor
Rev. 07-18 July 2008
KMA210-115 NXP-KMA210-115 Datasheet
591Kb / 37P
   Programmable angle sensor
Rev. 2-7 December 2011
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
   Programmable angle sensor
Rev. 8-7 December 2011
logo
Micronas
HAL3625 MICRONAS-HAL3625 Datasheet
215Kb / 2P
   Programmable Direct Angle Sensor
logo
NXP Semiconductors
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
   Programmable angle sensor IC
Rev. 3-27 February 2019
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
   Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
   Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com