Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA33JC5 Datasheet(PDF) 4 Page - Rohm

Part # BA33JC5
Description  1.5A Variable/Fixed Output LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA33JC5 Datasheet(HTML) 4 Page - Rohm

  BA33JC5 Datasheet HTML 1Page - Rohm BA33JC5 Datasheet HTML 2Page - Rohm BA33JC5 Datasheet HTML 3Page - Rohm BA33JC5 Datasheet HTML 4Page - Rohm BA33JC5 Datasheet HTML 5Page - Rohm BA33JC5 Datasheet HTML 6Page - Rohm BA33JC5 Datasheet HTML 7Page - Rohm BA33JC5 Datasheet HTML 8Page - Rohm BA33JC5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/13
BAxxJC5 Series(Fixed)
BA00JC5WT(Variable)
Datasheet
TSZ02201-0R6R0A600140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
14.Feb.2012 Rev.001
●Electrical Characteristics - continued
BA00JC5WT
Unless otherwise specified, Ta = 25℃, Vcc = 3.3 V, VCTL = 3 V, Vo=2.5V
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
Shut Down Current
Isd
0
10
μA
VCTL=0V, Io=0mA (OFF MODE)
Bias Current
Ib
0.5
0.9
mA
Io=0mA
C pin Voltage
Vc
1.237
1.250
1.263
V
Io=50mA
Dropout Voltage1
ΔVd
0.3
0.5
V
Io=500mA, Vcc=2.5V
Peak Output
Io
1.5
A
Ripple Rejection
R.R.
45
55
dB
f=120Hz, ein*9=-20dBV
Io=100mA
Line Regulation
Reg.I
5
60
mV
Vcc=4.5V→16V, Io=200mA
Load Regulation
Reg.L
5
60
mV
Io=5mA→1.5A
Temperature Coefficient of
Output Voltage *10
Tcvo
±0.02
%/℃
Io=5mA,Tj=0~125℃
Output Short Current
Ios
0.6
Vcc=16V
CTL ON Mode Voltage
Vth1
2.0
V
ACTIVE MODE, Io=0mA
CTL OFF Mode Voltage
Vth2
0.8
V
OFF MODE, Io=0mA
CTL Input Current
Iin
40
80
130
μA
Io=0mA
*9
ein=Input Voltage Ripple
*10
Not 100% tested


Similar Part No. - BA33JC5

ManufacturerPart #DatasheetDescription
logo
Rohm
BA33JC5T ROHM-BA33JC5T Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BA33JC5T ROHM-BA33JC5T Datasheet
367Kb / 6P
   1.5A Low-Dropout Voltage Regulator
BA33JC5WT ROHM-BA33JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
More results

Similar Description - BA33JC5

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HC5WEFJ ROHM-BD00HC5WEFJ_13 Datasheet
494Kb / 22P
   1.5A Variable / Fixed Output LDO Regulators
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA3259HFP ROHM-BA3259HFP_12 Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BA33E00WHFP-TR ROHM-BA33E00WHFP-TR Datasheet
441Kb / 19P
   Dual-Output (Fixed/Variable) LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com