Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA50GA3MEFJ-E2 Datasheet(PDF) 11 Page - Rohm

Part # BA50GA3MEFJ-E2
Description  Automotive 300mA Variable Output LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA50GA3MEFJ-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BA50GA3MEFJ-E2 Datasheet HTML 7Page - Rohm BA50GA3MEFJ-E2 Datasheet HTML 8Page - Rohm BA50GA3MEFJ-E2 Datasheet HTML 9Page - Rohm BA50GA3MEFJ-E2 Datasheet HTML 10Page - Rohm BA50GA3MEFJ-E2 Datasheet HTML 11Page - Rohm BA50GA3MEFJ-E2 Datasheet HTML 12Page - Rohm BA50GA3MEFJ-E2 Datasheet HTML 13Page - Rohm BA50GA3MEFJ-E2 Datasheet HTML 14Page - Rohm BA50GA3MEFJ-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/21
BDxxGA3MEFJ-M
Datasheet
TSZ02201-0R6R0AN00220-1-2
2012.8.31 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
400.0
500.0
600.0
700.0
800.0
900.0
0
0.1
0.2
0.3
Io [A]
Figure 28.
TSD (IO=0mA)
Ta[℃]
T.B.D
T.B.D
0.0
2.0
4.0
6.0
02
46
8
10
12
14
VCC [V]
Temp=-40°C
Temp=25°C
Temp=105°C
Figure 27.
Vcc-Vo
(Io=0mA)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
0.2
0.4
0.6
0.8
Io [A]
Figure 29.
OCP
Temp=-40°C
Temp=25°C
Temp=105°C
Figure 30.
Io-Icc
Temp=-40°C
Temp=25°C
Temp=105°C


Similar Part No. - BA50GA3MEFJ-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA501 ETC-BA501 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA502 ETC-BA502 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA503 ETC-BA503 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA504 ETC-BA504 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
BA505 ETC-BA505 Datasheet
45Kb / 2P
   BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
More results

Similar Description - BA50GA3MEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com