Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA90GA3MEFJ-E2 Datasheet(PDF) 10 Page - Rohm

Part # BA90GA3MEFJ-E2
Description  Automotive 300mA Variable Output LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA90GA3MEFJ-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BA90GA3MEFJ-E2 Datasheet HTML 6Page - Rohm BA90GA3MEFJ-E2 Datasheet HTML 7Page - Rohm BA90GA3MEFJ-E2 Datasheet HTML 8Page - Rohm BA90GA3MEFJ-E2 Datasheet HTML 9Page - Rohm BA90GA3MEFJ-E2 Datasheet HTML 10Page - Rohm BA90GA3MEFJ-E2 Datasheet HTML 11Page - Rohm BA90GA3MEFJ-E2 Datasheet HTML 12Page - Rohm BA90GA3MEFJ-E2 Datasheet HTML 13Page - Rohm BA90GA3MEFJ-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10/21
BDxxGA3MEFJ-M
Datasheet
TSZ02201-0R6R0AN00220-1-2
2012.8.31 Rev.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
0.0
2.0
4.0
6.0
8.0
-40
-15
10
35
60
85
Ta [°C]
0.0
0.2
0.4
0.6
0.8
1.0
-40
-15
10
35
60
85
Ta [°C]
Figure 25.
IO-VO
IO[A]
VCC [V]
T.B.D
105
Figure 23.
Ta-ISD
(VEN=0V)
105
Figure 24.
Ta-IEN
0.0
1.0
2.0
3.0
4.0
5.0
02
46
8
10
12
14
VCC [V]
Temp=-40°C
Temp=25°C
Temp=105°C
Figure 26.
Vcc-ISD
(VEN=0V)


Similar Part No. - BA90GA3MEFJ-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA9026 ETC1-BA9026 Datasheet
69Kb / 2P
   Power Electronics, Softstarter with softstop ministart
BA90263AC503 ETC1-BA90263AC503 Datasheet
69Kb / 2P
   Power Electronics, Softstarter with softstop ministart
BA9040 ETC2-BA9040 Datasheet
153Kb / 2P
   Monitoring technique
BA904012003AC230V50HZ ETC2-BA904012003AC230V50HZ Datasheet
153Kb / 2P
   Monitoring technique
BA904012003AC230V60HZ ETC2-BA904012003AC230V60HZ Datasheet
153Kb / 2P
   Monitoring technique
More results

Similar Description - BA90GA3MEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
   Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com