Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD25GC0WEFJ-E2 Datasheet(PDF) 5 Page - Rohm

Part # BD25GC0WEFJ-E2
Description  1A Variable Fixed Output LDO Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD25GC0WEFJ-E2 Datasheet(HTML) 5 Page - Rohm

  BD25GC0WEFJ-E2 Datasheet HTML 1Page - Rohm BD25GC0WEFJ-E2 Datasheet HTML 2Page - Rohm BD25GC0WEFJ-E2 Datasheet HTML 3Page - Rohm BD25GC0WEFJ-E2 Datasheet HTML 4Page - Rohm BD25GC0WEFJ-E2 Datasheet HTML 5Page - Rohm BD25GC0WEFJ-E2 Datasheet HTML 6Page - Rohm BD25GC0WEFJ-E2 Datasheet HTML 7Page - Rohm BD25GC0WEFJ-E2 Datasheet HTML 8Page - Rohm BD25GC0WEFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/19
BDxxGC0WEFJ
Datasheet
TSZ02201-0R6R0A600200-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
25.July.2012 Rev.001
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
15.0 *
1
V
EN voltage
VEN
15.0
V
Power dissipation
HTSOP-J8
Pd
*2
2110
*2
mW
Operating Temperature Range
Topr
-25 to +85
Storage Temperature Range
Tstg
-55 to +150
Junction Temperature
Tjmax
+150
*1 Not to exceed Pd
*2 Reduced by 16.9mW/℃ for each increase in Ta of 1℃ over 25℃. (when mounted on a board 70mm×70mm×1.6mm glass-epoxy board, two layer)
●Recommended Operating Ratings (Ta=25℃)
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
VCC
4.5
14.0
V
EN voltage
VEN
0.0
14.0
V
Output voltage setting range
VO
1.5
13.0
V
Output current
IO
0.0
1.0
A
●Electrical Characteristics (Unless otherwise noted, Ta=25℃, EN=3V, VCC=6V, R1=43kΩ, R2=8.2kΩ)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current at shutdown mode
ISD
-
0
5
µA
VEN=0V, OFF mode
Bias current
ICC
-
600
900
µA
Line regulation
Reg.I
-1
0.5
1
%
VCC=( VO+0.92V )→14.0V
Load regulation
Reg IO
-1.5
0.5
1.5
%
IO=0→1.0A
Minimun dropout Voltage
VCO
-
0.6
0.92
V
VCC=5V,IO =1.0A
Output reference voltage(Variable type)
VFB
0.792
0.800
0.808
V
IO=0A
Output voltage(Fixed type)
VO
VO×0.99
VO
VO×1.01
V
IO=0A
EN Low voltage
VEN (Low)
0
-
0.8
V
EN High voltage
VEN (High)
2.4
-
14.0
V
EN Bias current
IEN
1
3
9
µA


Similar Part No. - BD25GC0WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD25GC0MEFJ-E2 ROHM-BD25GC0MEFJ-E2 Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD25GC0MEFJ-LB ROHM-BD25GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD25GC0MEFJ-LBH2 ROHM-BD25GC0MEFJ-LBH2 Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD25GC0MEFJ-ME2 ROHM-BD25GC0MEFJ-ME2 Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD25GC0MEFJ-ME2 ROHM-BD25GC0MEFJ-ME2 Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD25GC0WEFJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com