Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320HT Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM320HT
Description  Voltage 20V ~100V 3.0 Amp Surface Mount Schottky Barrier Rectifers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM320HT Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM320HT Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM320HT Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SM320HT Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SM320HT~SM3100HT
Voltage 20V ~ 100V
3.0 Amp Surface Mount Schottky Barrier Rectifiers
Elektronische Bauelemente
29-Mar-2012 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise specified)
Parameter
Symbol
Part Number
Unit
SM320HT
SM340HT
SM360HT
SM380HT
SM3100HT
Maximum Repetitive Peak Reverse
Voltage
VRRM
20
40
60
80
100
V
Maximum RMS Voltage
VRMS
14
28
42
56
70
V
Continuous reverse voltage
VR
20
40
60
80
100
V
Maximum Average Forward
Rectified Current, See Fig.1
IO
3
A
Peak Forward Surge Current, 8.3 ms
single half sine-wave superimposed
on rated load
IFSM
50
A
Maximum Instantaneous Forward
Voltage @ IF=3A
VF
0.55
0.7
0.85
V
Maximum Reverse
Current
TJ=25°C
IR
0.2
mA
TJ=100°C
20
Typical Junction Capacitance
1
CJ
160
pF
Typical Thermal Resistance
RθJC
35
°C / W
Operating Temperature
TJ
-55~125
-55~150
°C
Storage Temperature
TSTG
-65~175
°C
Note:
1.
f=1MHz and applied 4V DC reverse voltage.


Similar Part No. - SM320HT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM320HT SECOS-SM320HT Datasheet
214Kb / 3P
   3.0 Amp Surface Mount Schottky Barrier Rectifiers
SM320HT SECOS-SM320HT_15 Datasheet
214Kb / 3P
   3.0 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SM320HT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
   Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SB22S SECOS-SB22S Datasheet
261Kb / 2P
   Voltage 20V ~100V 2.0Amp Schottky Barrier Bridge Rectifers
SCD3100 SECOS-SCD3100 Datasheet
308Kb / 2P
   VOLTAGE 100V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SS32A FS-SS32A Datasheet
285Kb / 3P
   Voltage 20V ~ 100V , 3.0 Amper Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCD52 SECOS-SCD52 Datasheet
469Kb / 2P
   VOLTAGE 20V ~ 100V 5.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320AS SECOS-SM320AS Datasheet
222Kb / 3P
   Voltage 20V ~ 200V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
SCD32 SECOS-SCD32 Datasheet
268Kb / 2P
   VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
SMP340 SECOS-SMP340 Datasheet
703Kb / 2P
   Voltage 40V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SK52B FS-SK52B Datasheet
296Kb / 4P
   VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Leshan Radio Company
SM320C LRC-SM320C Datasheet
407Kb / 4P
   VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com