Electronic Components Datasheet Search |
|
LTC1290CIN Datasheet(PDF) 2 Page - Linear Technology |
|
LTC1290CIN Datasheet(HTML) 2 Page - Linear Technology |
2 / 32 page 2 LTC1290 1290fe 1 2 3 4 5 6 7 8 9 10 TOP VIEW SW PACKAGE 20-LEAD PLASTIC SO WIDE 20 19 18 17 16 15 14 13 12 11 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM DGND VCC ACLK SCLK DIN DOUT CS REF+ REF – V – AGND 1 2 3 4 5 6 7 8 9 10 TOP VIEW N PACKAGE 20-LEAD PDIP 20 19 18 17 16 15 14 13 12 11 CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 COM DGND VCC ACLK SCLK DIN DOUT CS REF+ REF– V – AGND A G A U A R BSOLUTEXI TI S Supply Voltage (VCC) to GND or V – ........................ 12V Negative Supply Voltage (V –) .................... – 6V to GND Voltage Analog/Reference Inputs ......... (V–) – 0.3V to VCC + 0.3V Digital Inputs ........................................ – 0.3V to 12V Digital Outputs ........................... – 0.3V to VCC + 0.3V Power Dissipation ............................................. 500mW (Notes 1, 2) Operating Temperature Range LTC1290BC, LTC1290CC, LTC1290DC .... 0 °C to 70°C LTC1290BI, LTC1290CI, LTC1290DI .... – 40 °C to 85°C LTC1290BM, LTC1290CM, LTC1290DM (OBSOLETE) ............ –55 °C to 125°C Storage Temperature Range ................ – 65 °C to 150°C Lead Temperature (Soldering, 10 sec.)................ 300 °C PACKAGE/ORDER I FOR ATIO LTC1290BCSW LTC1290CCSW LTC1290DCSW LTC1290BISW LTC1290CISW LTC1290DISW TJMAX = 110°C, θJA = 130°C/W (SW) ORDER PART NUMBER LTC1290BIN LTC1290CIN LTC1290DIN LTC1290BCN LTC1290CCN LTC1290DCN TJMAX = 110°C, θJA = 100°C/W (N) LTC1290BMJ LTC1290CMJ LTC1290DMJ LTC1290BIJ LTC1290CIJ LTC1290DIJ OBSOLETE PACKAGE Consider N Package for Alternate Source J PACKAGE 20-LEAD CERAMIC DIP TJMAX = 150°C, qJA = 80°C/W (J) *The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges. N PART MARKING ORDER PART NUMBER SW PART MARKING Order Options Tape and Reel: Add #TR Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF Lead Free Part Marking: http://www.linear.com/leadfree/ |
Similar Part No. - LTC1290CIN |
|
Similar Description - LTC1290CIN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |