Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1290DIJ Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1290DIJ
Description  Single Chip 12-Bit Data Acquisition System
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290DIJ Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1290DIJ Datasheet HTML 3Page - Linear Technology LTC1290DIJ Datasheet HTML 4Page - Linear Technology LTC1290DIJ Datasheet HTML 5Page - Linear Technology LTC1290DIJ Datasheet HTML 6Page - Linear Technology LTC1290DIJ Datasheet HTML 7Page - Linear Technology LTC1290DIJ Datasheet HTML 8Page - Linear Technology LTC1290DIJ Datasheet HTML 9Page - Linear Technology LTC1290DIJ Datasheet HTML 10Page - Linear Technology LTC1290DIJ Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LTC1290
1290fe
Sample-and-Hold Acquisition
Time vs Source Resistance
RSOURCE+ (Ω)
100
1
10
100
1k
10k
LTC1290 • TPC11
+
VIN
RSOURCE+
VREF = 5V
VCC = 5V
TA = 25°C
0V TO 5V INPUT STEP
ACLK FREQUENCY (MHz)
0
1.00
2.00
3.00
4.00
1290 • TPC13
200
180
160
140
120
100
80
60
40
20
VCC = 5V
CMOS LEVELS
Supply Current (Power Shutdown)
vs ACLK
Supply Current (Power Shutdown)
vs Temperature
AMBIENT TEMPERATURE, TA (°C)
–50
10
9
8
7
6
5
4
3
2
1
0
–10
30
50
130
1290 • TPC12
–30
10
70
90 110
ACLK OFF DURING
POWER SHUTDOWN
Input Channel Leakage Current
vs Temperature
AMBIENT TEMPERATURE, TA (°C)
–50
0
100
300
400
500
1000
700
–10
30
50
130
1290 • TPC14
200
800
900
600
–30
10
70
90 110
ON CHANNEL
OFF CHANNEL
GUARANTEED
Noise Error vs Reference Voltage
REFERENCE VOLTAGE, VREF (V)
0
0
0.25
0.75
1.00
1.25
2
4
5
2.25
1290 • TPC15
0.50
13
1.50
1.75
2.00
LTC1290 NOISE 200
µVP-P
CH0 to CH7 (Pin 1 to Pin 8): Analog Inputs. The analog
inputs must be free of noise with respect to AGND.
COM (Pin 9): Common. The common pin defines the zero
reference point for all single-ended inputs. It must be free
of noise and is usually tied to the analog ground plane.
DGND (Pin 10): Digital Ground. This is the ground for the
internal logic. Tie to the ground plane.
AGND (Pin 11): Analog Ground. AGND should be tied
directly to the analog ground plane.
V (Pin 12): Negative Supply. Tie V to most negative
potential in the circuit. (Ground in single supply applica-
tions.)
REF , REF + (Pins 13, 14): Reference Inputs. The refer-
ence inputs must be kept free of noise with respect to
AGND.
CS (Pin 15): Chip Select Input. A logic low on this input
enables data transfer.
DOUT (Pin 16): Digital Data Output. The A/D conversion
result is shifted out of this output.
Maximum Filter Resistor vs
Cycle Time
CYCLE TIME, tCYC (µs)
10
100
1k
10k
10
1000
10000
1290 • TPC10
1.0
100
+
VIN
CFILTER ≥ 1µF
RFILTER
** MAXIMUM RFILTER REPRESENTS THE FILTER RESISTOR
VALUE AT WHICH A 0.1LSB CHANGE IN FULL-SCALE
ERROR FROM ITS VALUE AT RFILTER = 0 IS FIRST DETECTED.
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S


Similar Part No. - LTC1290DIJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290DIJ LINER-LTC1290DIJ Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290DIJ LINER-LTC1290DIJ Datasheet
618Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Integrated Syste...
LTC1290DIJ LINEAR-LTC1290DIJ Datasheet
580Kb / 32P
   Single Chip 12-Bit Data Acquisition System
logo
Linear Technology
LTC1290DIJ LINER-LTC1290DIJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1290DIJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296 LINER-LTC1296_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1290CCJ LINER-LTC1290CCJ Datasheet
623Kb / 32P
   Single Chip 12-Bit Data Acquisition System
LTC1294BCSW LINER-LTC1294BCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1296CCSW LINER-LTC1296CCSW Datasheet
373Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1294 LINER-LTC1294_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_1 Datasheet
333Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com