Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3780EG Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3780EG
Description  High Efficiency, Synchronous 4-Switch Buck-Boost Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3780EG Datasheet(HTML) 5 Page - Linear Technology

  LTC3780EG Datasheet HTML 1Page - Linear Technology LTC3780EG Datasheet HTML 2Page - Linear Technology LTC3780EG Datasheet HTML 3Page - Linear Technology LTC3780EG Datasheet HTML 4Page - Linear Technology LTC3780EG Datasheet HTML 5Page - Linear Technology LTC3780EG Datasheet HTML 6Page - Linear Technology LTC3780EG Datasheet HTML 7Page - Linear Technology LTC3780EG Datasheet HTML 8Page - Linear Technology LTC3780EG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC3780
5
3780ff
For more information www.linear.com/LTC3780
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: TJ for the QFN package is calculated from the temperature TA and
power dissipation PD according to the following formula:
TJ = TA + (PD • 34°C/W)
Note 3: The IC is tested in a feedback loop that servos VITH to a specified
voltage and measures the resultant VOSENSE.
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
Note 5: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 6: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current ≥ 40% of IMAX (see minimum on-time
considerations in the Applications Information section).
Note 7: The LTC3780 is tested under pulsed load conditions such that TJ
TA. The LTC3780E is guaranteed to meet specifications from 0°C to 85°C
junction temperature. Specifications over the –40°C to 85°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3780I is guaranteed
over the –40°C to 125°C operating junction temperature range, and
the LTC3780MP is tested and guaranteed over the full –55°C to 125°C
operating junction temperature range.
Note 8: This parameter is guaranteed by design.
Note 9: fOSC is the running frequency for the application.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD Output
∆VFBH
PGOOD Upper Threshold
VOSENSE Rising
5.5
7.5
10
%
∆VFBL
PGOOD Lower Threshold
VOSENSE Falling
–5.5
–7.5
–10
%
∆VFB(HYST)
PGOOD Hysteresis
VOSENSE Returning
2.5
%
VPGL
PGOOD Low Voltage
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
µA
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 7) VIN = 15V unless otherwise noted.


Similar Part No. - LTC3780EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780EG LINER-LTC3780EG Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
   High Efficiency, Synchronous,4-Switch Buck-Boost Controller
More results

Similar Description - LTC3780EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
   High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Linear Technology
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LTC3780 LINER-LTC3780_12 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com