Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS33 Datasheet(PDF) 3 Page - Orister Corporation

Part # SS33
Description  2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

SS33 Datasheet(HTML) 3 Page - Orister Corporation

  SS33 Datasheet HTML 1Page - Orister Corporation SS33 Datasheet HTML 2Page - Orister Corporation SS33 Datasheet HTML 3Page - Orister Corporation SS33 Datasheet HTML 4Page - Orister Corporation SS33 Datasheet HTML 5Page - Orister Corporation SS33 Datasheet HTML 6Page - Orister Corporation SS33 Datasheet HTML 7Page - Orister Corporation SS33 Datasheet HTML 8Page - Orister Corporation SS33 Datasheet HTML 9Page - Orister Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Page No. : 3/11
Ordering Information 
DEVICE 
DEVICE CODE 
RS6515‐XX Y Z 
XX is nominal output voltage : 
AD : ADJ 
Y is package & Pin Assignments designator : 
MS : MSOP‐10(EP)    S : SOP‐8 
Z is Lead Free designator : 
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package 
G: Green (Halogen Free with Commercial Standard) 
 
Block Diagram 
 
Absolute Maximum Ratings 
Symbol 
Parameter 
Range 
Units 
VIN 
Supply Voltage 
‐0.3 to +21 
VSW 
SW Pin Voltage 
‐0.3 to VIN +0.3 
VBS 
Boot Strap Voltage 
VSW ‐0.3 to VSW +6 
VFB 
Feedback Voltage 
‐0.3 to +6 
VEN 
Enable/UVLO Voltage 
‐0.3 to +6 
VCOMP 
Comp Voltage 
‐0.3 to +6 
VSS 
SS Voltage 
‐0.3 to +6 
TJ 
Junction Temperature 
150 
o
TOPR 
Operating Temperature Range 
‐20 to +85 
o
TSTG 
Storage Temperature Range 
‐65 to +150 
o
TLEAD 
Lead Temperature 
260 
oC 
DS‐RS6515‐08    JULY, 2010 
www.Orister.com


Similar Part No. - SS33

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SS33 FORMOSA-SS33 Datasheet
119Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SS33 ZOWIE-SS33 Datasheet
53Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Yint Electroni...
SS33 YINT-SS33 Datasheet
453Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SS33 VISHAY-SS33 Datasheet
86Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 04-Aug-15
logo
Galaxy Semi-Conductor H...
SS33 BILIN-SS33 Datasheet
86Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS33

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS6516 ORISTER-RS6516 Datasheet
541Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
RS6510 ORISTER-RS6510 Datasheet
501Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6518 ORISTER-RS6518 Datasheet
543Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6512 ORISTER-RS6512 Datasheet
534Kb / 10P
   2A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
logo
Princeton Technology Co...
RS6512 PTC-RS6512 Datasheet
350Kb / 4P
   2A, 20V, 400KHz DC/DC Asynchronous Step-Down Converter
logo
Orister Corporation
RS6509 ORISTER-RS6509 Datasheet
563Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6517 ORISTER-RS6517 Datasheet
603Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6519 ORISTER-RS6519 Datasheet
605Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6511 ORISTER-RS6511 Datasheet
602Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
RS6507 ORISTER-RS6507 Datasheet
553Kb / 10P
   3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com