Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P600-PQ144PP Datasheet(PDF) 3 Page - Microsemi Corporation

Part # A3P600-PQ144PP
Description  ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
Download  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A3P600-PQ144PP Datasheet(HTML) 3 Page - Microsemi Corporation

  A3P600-PQ144PP Datasheet HTML 1Page - Microsemi Corporation A3P600-PQ144PP Datasheet HTML 2Page - Microsemi Corporation A3P600-PQ144PP Datasheet HTML 3Page - Microsemi Corporation A3P600-PQ144PP Datasheet HTML 4Page - Microsemi Corporation A3P600-PQ144PP Datasheet HTML 5Page - Microsemi Corporation A3P600-PQ144PP Datasheet HTML 6Page - Microsemi Corporation A3P600-PQ144PP Datasheet HTML 7Page - Microsemi Corporation A3P600-PQ144PP Datasheet HTML 8Page - Microsemi Corporation A3P600-PQ144PP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 220 page
background image
ProASIC3 Flash Family FPGAs
Revision 13
III
ProASIC3 Ordering Information
ProASIC3 Device Status
.
ProASIC3 Devices
Status
Cortex-M1 Devices
Status
A3P015
Not recommended for new designs.
A3P030
Production
A3P060
Production
A3P125
Production
A3P250
Production
M1A3P250
Production
A3P400
Production
M1A3P400
Production
A3P600
Production
M1A3P600
Production
A3P1000
Production
M1A3P1000
Production
Speed Grade
Blank = Standard
1 = 15% Faster than Standard
2 = 25% Faster than Standard
A3P1000
FG
_
Part Number
ProASIC3 Devices
1
Package Type
VQ = Very Thin Quad Flat Pack (0.5 mm pitch)
QN = Quad Flat Pack No Leads (0.4 mm and 0.5 mm pitches)
TQ = Thin Quad Flat Pack (0.5 mm pitch)
144
I
Y
Package Lead Count
G
Lead-Free Packaging
Application (Temperature Range)
Blank = Commercial (0°C to +70°C Ambient Temperature)
I = Industrial (
40°C to +85°C Ambient Temperature)
Blank = Standard Packaging
G= RoHS-Compliant (Green) Packaging (some packages also halogen-free)
PP= Pre-Production
ES= Engineering Sample (Room Temperature Only)
30,000 System Gates
A3P030 =
15,000 System Gates (A3P015 is not recommended for new designs.)
A3P015 =
60,000 System Gates
A3P060 =
125,000 System Gates
A3P125 =
250,000 System Gates
A3P250 =
400,000 System Gates
A3P400 =
600,000 System Gates
A3P600 =
1,000,000 System Gates
A3P1000 =
ProASIC3 Devices with Cortex-M1
250,000 System Gates
M1A3P250 =
400,000 System Gates
M1A3P400 =
600,000 System Gates
M1A3P600 =
1,000,000 System Gates
M1A3P1000 =
PQ = Plastic Quad Flat Pack (0.5 mm pitch)
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)
CS = Chip Scale Package (0.5 mm pitch)
Security Feature
Y = Device Includes License to Implement IP Based on the
Cryptography Research, Inc. (CRI) Patent Portfolio
Blank = Device Does Not Include License to Implement IP Based
on the Cryptography Research, Inc. (CRI) Patent Portfolio


Similar Part No. - A3P600-PQ144PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P600-PQ144PP ACTEL-A3P600-PQ144PP Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
More results

Similar Description - A3P600-PQ144PP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P600-FG256 MICROSEMI-A3P600-FG256 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-FG256 MICROSEMI-A3P1000-FG256 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P030-2QNG68I MICROSEMI-A3P030-2QNG68I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-PQG208I MICROSEMI-A3P1000-PQG208I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-VQ100 MICROSEMI-M1A3P250-VQ100 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
M1A3P250-1VQ100I MICROSEMI-M1A3P250-1VQ100I Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-PQG208I MICROSEMI-A3P600-PQG208I Datasheet
9Mb / 212P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P250-VQG100I MICROSEMI-A3P250-VQG100I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P1000-2FG484 MICROSEMI-A3P1000-2FG484 Datasheet
9Mb / 210P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
List of Unclassifed Man...
A3P030 ETC2-A3P030 Datasheet
214Kb / 11P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com