Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECHU1H821MB5 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECHU1H821MB5
Description  Stacked matallized PPS film as dielectric with simple mold less construction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1H821MB5 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECHU1H821MB5 Datasheet HTML 1Page - Panasonic Semiconductor ECHU1H821MB5 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■Rating, Dimensions & Quantity/Reel
Cap. (µF)
0.0001
0.00012
0.00015
0.00018
0.00022
0.00027
0.00033
0.00039
0.00047
0.00056
0.00068
0.00082
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
Please use 50VDC rating of ECHU(B)
ECHU1H101
MB5
2.0
1.25
0.8
J1
ECHU1H121
MB5
2.0
1.25
0.8
J1
ECHU1H151
MB5
2.0
1.25
0.8
J1
ECHU1H181
MB5
2.0
1.25
0.8
J1
ECHU1H221
MB5
2.0
1.25
0.8
J1
ECHU1H271
MB5
2.0
1.25
0.8
J1
ECHU1H331
MB5
2.0
1.25
0.8
J1
ECHU1H391
MB5
2.0
1.25
0.8
J1
ECHU1H471
MB5
2.0
1.25
0.8
J1
ECHU1H561
MB5
2.0
1.25
0.8
J1
ECHU1H681
MB5
2.0
1.25
0.8
J1
ECHU1H821
MB5
2.0
1.25
0.8
J1
ECHU1H102
MB5
2.0
1.25
0.8
J1
ECHU1H122
MB5
2.0
1.25
0.8
J1
ECHU1H152
MB5
2.0
1.25
0.8
J1
ECHU1H182
MB5
2.0
1.25
0.8
J1
ECHU1H222
MB5
2.0
1.25
0.8
J1
ECHU1H272
MB5
2.0
1.25
0.8
J1
ECHU1H332
MB5
3.2
1.6
0.8
H1
ECHU1H392
MB5
3.2
1.6
0.8
H1
ECHU1H472
MB5
3.2
1.6
0.8
H1
ECHU1H562
MB5
3.2
1.6
0.8
H1
ECHU1H682
MB5
3.2
1.6
0.8
H1
ECHU1H822
MB5
3.2
1.6
1.0
H2
ECHU1H103
MB5
3.2
1.6
1.0
H2
ECHU1H123
MB5
3.2
2.5
1.0
G1
ECHU1H153
MB5
3.2
2.5
1.0
G1
ECHU1H183
MB5
3.2
2.5
1.4
G2
ECHU1H223
MB5
3.2
2.5
1.4
G2
ECHU1H273
MB5
3.2
2.5
1.4
G2
ECHU1H333
MB5
3.2
2.5
2.0
G3
ECHU1H393
MB5
3.2
2.5
2.0
G3
ECHU1H473
MB9
4.8
3.3
1.4
E1
ECHU1H563
MB9
4.8
3.3
1.4
E1
ECHU1H683
MB9
4.8
3.3
1.4
E1
ECHU1H823
MB9
4.8
3.3
2.0
E2
ECHU1H104
MB9
4.8
3.3
2.0
E2
3000
2000
3000
ECHU1C332
MB5
2.0
1.25
0.8
J1
ECHU1C392
MB5
2.0
1.25
0.8
J1
ECHU1C472
MB5
2.0
1.25
0.8
J1
ECHU1C562
MB5
2.0
1.25
0.8
J1
ECHU1C682
MB5
2.0
1.25
0.8
J1
ECHU1C822
MB5
2.0
1.25
1.0
J2
ECHU1C103
MB5
2.0
1.25
1.0
J2
ECHU1C123
MB5
3.2
1.6
0.8
H1
ECHU1C153
MB5
3.2
1.6
0.8
H1
ECHU1C183
MB5
3.2
1.6
0.8
H1
ECHU1C223
MB5
3.2
1.6
0.8
H1
ECHU1C273
MB5
3.2
1.6
1.0
H2
ECHU1C333
MB5
3.2
1.6
1.0
H2
ECHU1C393
MB5
3.2
1.6
1.4
H3
ECHU1C473
MB5
3.2
1.6
1.4
H3
ECHU1C563
MB5
3.2
2.5
1.4
G2
ECHU1C683
MB5
3.2
2.5
1.4
G2
ECHU1C823
MB5
3.2
2.5
2.0
G3
ECHU1C104
MB5
3.2
2.5
2.0
G3
3000
2000
Rated volt. 16VDC
Part No.
Dimensions (mm)
LW
H
Code Q'ty
Rated volt. 50VDC
Part No.
Dimensions (mm)
LW
H
Code Q'ty
Capacitance tolerance code G, J
■Example for Land Dimensions (mm)
Land
Electrode
C
A
B
Code
J1
1.0
2.7
1.1
1.0
2.7
1.1
J2
1.0
2.7
1.1
1.0
2.7
1.1
H1
2.2
3.8
1.4
2.2
3.8
1.4
H2
2.2
3.8
1.4
2.2
3.8
1.4
H3
2.2
3.8
1.4
2.2
3.8
1.4
G1
2.2
3.8
2.3
2.2
3.8
2.3
G2
2.2
3.8
2.3
2.2
3.8
2.3
G3
2.2
3.8
2.3
2.2
3.8
2.3
E1
2.6
6.6
3.0
2.6
6.6
3.0
E2
2.6
6.6
3.0
2.6
6.6
3.0
Land dimensions
Flow soldering
Reflow soldering
A
BCA
BC
■Taping Specification for Automatic Insertion(Mounting)
Refer to the PDF file of taping specifications


Similar Part No. - ECHU1H821MB5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1H821MB5 PANASONIC-ECHU1H821MB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECHU1H821MB5 PANASONIC-ECHU1H821MB5 Datasheet
63Kb / 2P
   Film Chip Capacitor
ECHU1H821MB5 PANASONIC-ECHU1H821MB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECHU1H821MB5 PANASONIC-ECHU1H821MB5 Datasheet
69Kb / 2P
   Film Chip Capacitor
ECHU1H821MB5 PANASONIC-ECHU1H821MB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
More results

Similar Description - ECHU1H821MB5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1C104JB5 PANASONIC-ECH-U1C104JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C332JB5 PANASONIC-ECH-U1C332JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C153JB5 PANASONIC-ECH-U1C153JB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1H102GB5 PANASONIC-ECH-U1H102GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1H223GB5 PANASONIC-ECH-U1H223GB5 Datasheet
69Kb / 2P
   Stacked metallized PPS film as dielectric with simple mold-less construction
ECH-U1C683GB5 PANASONIC-ECH-U1C683GB5 Datasheet
89Kb / 3P
   Stacked metallized PPS film as dielectric with simple mold-less construction
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com