Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACJ2212P Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ACJ2212P
Description  SUPER MINIATURE PC BOARD TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACJ2212P Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ACJ2212P Datasheet HTML 1Page - Panasonic Semiconductor ACJ2212P Datasheet HTML 2Page - Panasonic Semiconductor ACJ2212P Datasheet HTML 3Page - Panasonic Semiconductor ACJ2212P Datasheet HTML 4Page - Panasonic Semiconductor ACJ2212P Datasheet HTML 5Page - Panasonic Semiconductor ACJ2212P Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
CJ (ACJ)
ASCTB221E 201201-T
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Please refer to “Usage ambient
condition” in CAUTIONS FOR USE OF AUTOMOTIVE RELAYS.
Please inquire if you will be using the relay in a high temperature atmosphere (110
°C 230°F).
*3. Depends on connection conditions. Also, this does not guarantee repeated switching. We recommend that you confirm operation under actual conditions.
*
If the relay is used continuously for long periods of time with coils on both sides in an energized condition, breakdown might occur due to abnormal heating
depending on the carrying condition. Therefore, please inquire when using with a circuit that causes an energized condition on both sides simultaneously.
REFERENCE DATA
Characteristics
Item
Specifications
Contact
Arrangement
1 Form C, 1 Form C
×2
Contact resistance (Initial)
N.O.: Typ7m
Ω, N.C.: Typ10mΩ (By voltage drop 6 V DC 1 A)
Contact material
Ag alloy (Cadmium free)
Protective construction
Standard type: Sealed type
Pin in Paste type: Flux tight type
Rating
Nominal switching capacity (resistive load)
N.O.: 20A 14V DC, N.C.: 10A 14V DC
Max. carrying current (14V DC)
N.O.: 20 A for 1 hour, 30 A for 2 minutes (at 20
°C 68°F) (when coil powered on one side)
Nominal operating power
640 mW (for pick-up voltage max. 7.2 V DC), 800 mW (for pick-up voltage max. 6.5 V DC)
Min. switching capacity (resistive load)*1
1A 12V DC
Electrical
characteristics
Initial insulation resistance
Min. 100 M
Ω (at 500 V DC)
Breakdown
voltage (Initial)
Between open contacts
500 Vrms for 1 min. (Detection current: 10mA)
Between contacts and coil
500 Vrms for 1 min. (Detection current: 10mA)
Operate time (at nominal voltage)
Max. 10ms (at 20
°C 68°F, excluding contact bounce time) (Initial)
Release time (at nominal voltage)
Max. 10ms (at 20
°C 68°F, excluding contact bounce time) (Initial)
Mechanical
characteristics
Shock
resistance
Functional
Min. 100 m/s2 {10G} (Half-wave pulse of sine wave: 11ms; detection time: 10
µs)
Destructive
Min. 1,000 m/s2 {100G} (Half-wave pulse of sine wave: 6ms)
Vibration
resistance
Functional
10 Hz to 100 Hz, Min. 44.1m/s2 {4.5G} (Detection time: 10
µs)
Destructive
10 Hz to 500 Hz, Min. 44.1m/s2 {4.5G}
Time of vibration for each direction; X, Y direction: 2 hours, Z direction: 4 hours
Expected life
Mechanical
Min. 107 (at 120 cpm)
Electrical
[Standard type]
<Resistive load>
Min. 105 (at nominal switching capacity, operating frequency: 1s ON, 9s OFF)
<Motor load>
N.O. side: Min. 2
×105: at 25 A (inrush), 5 A (steady), 14 V DC; Min. 105: at 25 A 14 V DC (Motor lock)
N.C. side: Min. 2
×105: at 20 A 14 V DC (brake) (Operating frequency: 0.5s ON, 9.5s OFF)
[Pin in Paste type]
<Resistive load>
Min. 105 (at nominal switching capacity, operating frequency: 1s ON, 9s OFF)
<Motor load>
N.O. side: Min. 105: at 25 A (inrush), 5 A (steady), 14 V DC; Min. 5
×104: at 25 A 14 V DC (Motor lock)
N.C. side: Min. 105: at 20 A 14 V DC (brake) (Operating frequency: 0.5s ON, 9.5s OFF)
Conditions
Conditions for operation, transport and
storage*2
Ambient temperature: –40
°C to +85°C –40°F to +185°F
Humidity: 5% R.H. to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
6 cpm (at nominal switching capacity)
Mass
1 Form C type: approx. 3.5 g .12 oz, Twin type: approx. 6.5 g .23 oz
1-(1). Coil temperature rise (at room
temperature)
Sample: ACJ1212, 3pcs
Measured portion: Inside the coil
Contact carrying current: 10A, 15A, 20A
Ambient temperature: 25
°C 77°F
1-(2). Coil temperature rise (at 85
°C 185°F)
Sample: ACJ1212, 3pcs
Measured portion: Inside the coil
Contact carrying current: 10A, 15A, 20A
Ambient temperature: 85
°C 185°F
1-(3). Coil temperature rise (at room
temperature)
Sample: ACJ2212, 3pcs
Measured portion: Inside the coil
Contact carrying current: 10A, 15A, 20A
Ambient temperature: 25
°C 77°F
0
80
60
40
20
12
16
200
160
140
180
120
100
14
20A
15A
10A
Coil applied voltage, V
0
80
60
40
20
12
16
200
160
140
180
120
100
14
20A
15A
10A
Coil applied voltage, V
0
80
60
40
20
12
16
200
160
140
180
120
100
14
20A
15A
10A
Coil applied voltage, V


Similar Part No. - ACJ2212P

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACJ-12-1581 ACIPOWER-ACJ-12-1581 Datasheet
1Mb / 2P
   CCFL INVERTER
ACJ-12-1583 ACIPOWER-ACJ-12-1583 Datasheet
1Mb / 2P
   CCFL INVERTER
ACJ-B1-1522 ACIPOWER-ACJ-B1-1522 Datasheet
213Kb / 2P
   CCFL INVERTER
ACJ-R1-1578 ACIPOWER-ACJ-R1-1578 Datasheet
217Kb / 2P
   CCFL INVERTER
ACJ-V1-1542 ACIPOWER-ACJ-V1-1542 Datasheet
212Kb / 2P
   CCFL INVERTER
More results

Similar Description - ACJ2212P

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
   ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
List of Unclassifed Man...
WJ107 ETC1-WJ107 Datasheet
96Kb / 2P
   ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
   MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
   MINIATURE PC BOARD RELAY
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
   MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
   MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
   MINIATURE PC BOARD RELAY
logo
List of Unclassifed Man...
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
   MINIATURE PC BOARD RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com