Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEP310X0 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AEP310X0
Description  HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AEP310X0 Datasheet(HTML) 6 Page - Panasonic Semiconductor

  AEP310X0 Datasheet HTML 1Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 2Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 3Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 4Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 5Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 6Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 7Page - Panasonic Semiconductor AEP310X0 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EP
10A PC board type
34.0
1.339
31.3
1.232
31.6
1.244
19.5
.768
(1.0)
(.039)
0.5
.020
1.4
.055
3.0
.118
2 dia.
.079 dia.
2 dia.
.079 dia.
4.5 max.
.177 max.
62.4
2.457
55.9±0.3
2.201±.012
16.5±0.3
.650±.012
9.5±0.3
.374±.012
11.0±0.3
.433±.012
8.6±0.3
.339±.012
45.0
1.772
4.5
.177
R2.3 .091
37.9
1.492
Coil input terminal
Schematic (TOP VIEW)
Mounting dimensions
Notes: 1. We recommend through-hole plating
with land on both sides.
2. Be careful of the insulation distance
between land patterns with regards
to the circuit voltage you will use.
1
2
6:Coil
5:Coil
Load sides have polarities (+) and (–).
4-2.45
dia. 4-.096
dia.
After doing through-hole plating
Mounting hole
2-4.2 dia.
2-.165 dia.
9.5
.374
16.5
.650
55.9
2.201
8.6
.339
19.6
.772
+0.1
0
+.004
0
General tolerance:
less than 10 .394
±0.3 ±.012
10 .394 to 50 1.969
±0.6 ±.024
more than 50 1.969
±1.0 ±.039
mm inch
10A TM type
66.8
2.630
19.6
.772
19.5
.768
45.0
1.772
8.6
.339
Coil input terminal
#187 tab 0.5t
Load input terminal (–)
#187 tab 0.5t
Load input terminal (+)
#187 tab 0.5t
55.9±0.3
2.201±.012
14.1±0.3
.555±.012
4.5±0.2 dia.
.000±.008 dia.
11.3±0.3
.445±.012
37.9
1.492
31.7
1.248
5.7
.224
0.4
.016
45 max.
1.772 max.
31.6
1.244
Schematic (TOP VIEW)
Mounting dimensions
1
2
5:Coil
Load sides have polarities (+) and (–).
6:Coil
Mounting hole
2-4.2±0.1 dia.
2-.165±.004 dia.
55.9±0.1
2.201±.004
General tolerance:
less than 10 .394
±0.3 ±.012
10 .394 to 50 1.969
±0.6 ±.024
more than 50 1.969
±1.0 ±.039
REFERENCE DATA
1-(1) Ambient temperature characteristics
(150 A type)
Sample: AEP15012, 3pcs
1-(2) Ambient temperature characteristics
Sample: AEP16012, 3pcs
1-(3) Ambient temperature characteristics
Sample: AEP51012, 3pcs
x
-
x
-
Pick up
voltage
Drop out
voltage
Ambient
temperature,
°C °F
10
8
6
4
2
-40
-40
-20
-4
20
68
-6
-2
-4
-8
-10
60
110
40
74
80
146
0
32
x-
x-
40
30
20
10
-40
-40
-20
-4
20
68
-30
-10
-20
-40
60
110
40
74
80
146
0
32
Pick up
voltage
Drop out
voltage
Ambient
temperature
°C °F
–40
–40
–20
–4
0
32
0
10
20
30
40
80
146
60
110
40
74
20
68
Pick up
voltage
Drop out voltage
–30
–40
–20
–10
x
x
Ambient
temperature
°C °F
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - AEP310X0

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
AEP310-S TALEMA-AEP310-S Datasheet
47Kb / 1P
   ADSL Transformers for Motorola?셲 Chipsets
AEP310-T TALEMA-AEP310-T Datasheet
47Kb / 1P
   ADSL Transformers for Motorola?셲 Chipsets
More results

Similar Description - AEP310X0

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
LETEX TECHNOLOGY CORP.
LT11004V LETEX-LT11004V Datasheet
505Kb / 4P
   High capacity in a slim SIL package
logo
Panasonic Semiconductor
AQV252G3S PANASONIC-AQV252G3S Datasheet
168Kb / 5P
   High capacity in a miniature SOP package
AGQ2001H PANASONIC-AGQ2001H Datasheet
125Kb / 5P
   High capacity 2 Amp, Flat and Compact package Telephone switchboard
logo
Leshan Radio Company
L2SD1781KQLT1G LRC-L2SD1781KQLT1G_11 Datasheet
115Kb / 4P
   Medium Power Transistor (32V, 0.8A) High current capacity in compact
logo
ABLE Power Products
OVCD-277-DR ABLEPOWERPRODUCTS-OVCD-277-DR Datasheet
285Kb / 1P
   Over Voltage & Under Voltage Cut-Off
1/13/2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com