Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-59L1AL Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-59L1AL
Description  1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-59L1AL Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-59L1AL Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-59L1AL Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-59L1AL Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-59L1AL Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-59L1AL Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-59L1AL Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-59L1AL Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-59L1AL Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-59L1AL Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Module Package
Avago offers the Pin Through Hole package utilizing an
integral LC Duplex optical interface connector. The trans-
ceiver uses a reliable 850 nm VCSEL source and requires a
3.3 V dc power supply for optimal system design.
Module Diagrams
Figure 1 illustrates the major functional components of
the HFBR-59L1AL. The connection diagram for both mod-
ules are shown in Figure 2. Figures 6a and 6b depict the
external configuration and dimensions of the module.
Pin Description
Pin
Name
Type
1
RX Ground
Ground
2
RX Power
Power
3
RX SD
Status Out
4
RX Data Bar
Signal Out
5
RX Data
Signal Out
6
TX Power
Power
7
TX Ground
Ground
8
TX Disable
Control In
9
TX Data
Signal In
10
TX Data Bar
Signal In
Figure 1. Transceiver functional diagram. (See Process Compatibility Specifications)
Figure 2. Module pin assignments and pin configuration
LIGHT FROM FIBER
OPTICAL INTERFACE
LIGHT TO FIBER
PHOTO-DETECTOR
RECEIVER
AMPLIFICATION
& QUANTIZATION
RD+ (RECEIVE DATA)
RD– (RECEIVE DATA)
SIGNAL DETECT
VCSEL
TRANSMITTER
LASER
DRIVER &
SAFETY
CIRCUITRY
Tx_DISABLE
TD+ (TRANSMIT DATA)
TD– (TRANSMIT DATA)
ELECTRICAL INTERFACE
HFBR-59L1AL BLOCK DIAGRAM
6
7
8
9
10
RX
5
4
3
2
1
TX
TOP VIEW
Installation
The HFBR-59L1AL can be installed in any MSA compli-
ant Pin Through Hole port. The module Pin Description is
shown in Figure 2.
Solder and Wash Process Capability
These transceivers are delivered with protective process
plugs inserted into the LC connector receptacle. This pro-
cess plug protects the optical subassemblies during wave
solder and aqueous wash processing and acts as a dust
cover during shipping. These transceivers are compatible
with industry standard wave or hand solder processes.
Recommended Solder Fluxes
Solder fluxes used with the HFBR-59L1AL should be wa-
tersoluble, organic fluxes. Recommended solder fluxes
include Lonco 3355-11 from London Chemical West, Inc.
of Burbank, CA, and 100 Flux from Alpha-Metals of Jersey
City, NJ.
Recommended Cleaning/Degreasing Chemicals
Alcohols: methyl, isopropyl, isobutyl.
Aliphatics: hexane, heptane.
Other: naphtha. Do not use partially halogenated hydro-
carbons such as 1,1.1 trichoroethane or ketones such as
MEK, acetone, chloroform, ethyl acetate, methylene di-
chloride, phenol, methylene chloride, or N-methylpyroll-
done.
Also, Avago does not recommend the use of cleaners that
use halogenated hydrocarbons because of their potential
environmental harm.


Similar Part No. - HFBR-59L1AL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-59L1AL HP-HFBR-59L1AL Datasheet
328Kb / 16P
   Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-59L1ALZ AVAGO-HFBR-59L1ALZ Datasheet
447Kb / 14P
   Optical Transceiver
More results

Similar Description - HFBR-59L1AL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-59L1AL HP-HFBR-59L1AL Datasheet
328Kb / 16P
   Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
logo
Infineon Technologies A...
V23826-K305-C INFINEON-V23826-K305-C Datasheet
1,012Kb / 9P
   Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
DECEMBER 2000
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57M5APZ AVAGO-AFBR-57M5APZ Datasheet
286Kb / 19P
   850 nm, 2.125/1.0625 and 1.25 GBd Ethernet, Low Voltage (3.3 V), RoHS Compliant, SFP (Small Form Pluggable), Digital Diagnostic Optical Transceiver
HFBR-5921L AVAGO-HFBR-5921L Datasheet
301Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921L HP-HFBR-5921L Datasheet
293Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
Analog Devices
AFBR-59R5ALZ AD-AFBR-59R5ALZ Datasheet
651Kb / 20P
   Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-59R5LZ AVAGO-AFBR-59R5LZ Datasheet
651Kb / 20P
   Digital Diagnostic 2x7 SFF 850 nm 4.25/2.125/1.0625 GBd, RoHS-Compliant Optical Transceiver
logo
Infineon Technologies A...
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com