Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0720-000E Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0720-000E
Description  40 ns Propagation Delay, CMOS Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-0720-000E Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0720-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0720-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0720-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0720-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0720-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-0720-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-0720-000E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-0720-000E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-0720-000E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Application Information
Bypassing and PC Board Layout
The HCPL-772X/072X optocouplers are extremely easy to use. No external interface circuitry is required because the
HCPL-772X/072X use high-speed CMOS IC technology allowing CMOS logic to be connected directly to the inputs
and outputs.
As shown in Figure 10, the only external components required for proper operation are two bypass capacitors. Ca-
pacitor values should be between 0.01 µF and 0.1
µF. For each capacitor, the total lead length between both ends of
the capacitor and the power-supply pins should not exceed 20 mm. Figure 11 illustrates the recommended printed
circuit board layout for the HPCL-772X/072X.
Figure 10. Recommended printed circuit board layout.
Figure 11. Recommended printed circuit board layout
Propagation Delay, Pulse-Width Distortion and Propagation Delay Skew
Propagation Delay is a figure of merit that describes how quickly a logic signal propagates through a system. The
propagation delay from low to high (tPLH) is the amount of time required for an input signal to propagate to the
output, causing the output to change from low to high. Similarly, the propagation delay from high to low (tPHL) is the
amount of time required for the input signal to propagate to the output, causing the output to change from high to
low. See Figure 12.
Figure 12.
INPUT
tPLH
tPHL
OUTPUT
VI
VO
10%
90%
90%
10%
VOH
VOL
0 V
50%
5 V CMOS
2.5 V CMOS
HCPL-0710 fig 13
VDD2
C1
C2
VO
GND2
VDD1
VI
GND1
C1, C2 = 0.01 µF TO 0.1 µF
7
5
6
8
2
3
4
1
GND2
C1
C2
NC
VDD2
NC
VO
VDD1
VI
C1, C2 = 0.01 µF TO 0.1 µF
GND1


Similar Part No. - HCPL-0720-000E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0720 HP-HCPL-0720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
More results

Similar Description - HCPL-0720-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
HCPL-7710 AVAGO-HCPL-7710 Datasheet
332Kb / 17P
   40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com