Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C82 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BZX55C82
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BZX55C82 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BZX55C82 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BZX55C82 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BZX55C82 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BZX55C82 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BZX55C82 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BZX55C82 Datasheet HTML 6Page - Yea Shin Technology Co., Ltd BZX55C82 Datasheet HTML 7Page - Yea Shin Technology Co., Ltd BZX55C82 Datasheet HTML 8Page - Yea Shin Technology Co., Ltd BZX55C82 Datasheet HTML 9Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BZX55C Series
ELECTRICAL CHARACTERISTICS (TA = 25ºC unless
otherwise noted. VF = 1.3 V Max @ IF = 100mA for all types)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Zener Current
ZZT
Maximum Zener Impedance @ IZT
IZM
Maximum DC Zener Current
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
ELECTRICAL CHARACTERISTICS (TA = 25ºC unless otherwise noted, VF = 1.3 V Max @ IF = 100mA for all types)
Max Reverse
Leakage Current
IR at VR
VZT @ IZT
(Volts)
(Note 2.)
Max Zener
Impedance
(Note 4)
ZZT @ IZT
IZT
Tamb
25
°°°°C
Tamb
125
°°°°C
VR
IZM
(Note 3.)
Device
Device
Marking
Min
Max
(
Ω)
(mA)
(
µµµµA)
(
µµµµA)
(Volts)
(mA)
BZX55C2V4
55C2V4
2.28
2.56
85
5
50
100
1
155
BZX55C2V7
55C2V7
2.5
2.9
85
5
10
50
1
135
BZX55C3V0
55C3V0
2.8
3.2
85
5
4
40
1
125
BZX55C3V3
55C3V3
3.1
3.5
85
5
2
40
1
115
BZX55C3V6
55C3V6
3.4
3.8
85
5
2
40
1
105
BZX55C3V9
55C3V9
3.7
4.1
85
5
2
40
1
95
BZX55C4V3
55C4V3
4
4.6
75
5
1
20
1
90
BZX55C4V7
55C4V7
4.4
5
60
5
0.5
10
1
85
BZX55C5V1
55C5V1
4.8
5.4
35
5
0.1
c
1
80
BZX55C5V6
55C5V6
5.2
6
25
5
0.1
2
1
70
BZX55C6V2
55C6V2
5.8
6.6
10
5
0.1
2
2
64
BZX55C6V8
55C6V8
6.4
7.2
8
5
0.1
2
3
58
BZX55C7V5
55C7V5
7
7.9
7
5
0.1
2
5
53
BZX55C8V2
55C8V2
7.7
8.7
7
5
0.1
2
6
47
BZX55C9V1
55C9V1
8.5
9.6
10
5
0.1
2
7
43
BZX55C10
55C10
9.4
10.6
15
5
0.1
2
7.5
40
BZX55C11
55C11
10.4
11.6
20
5
0.1
2
8.5
36
BZX55C12
55C12
11.4
12.7
20
5
0.1
2
9
32
BZX55C13
55C13
12.4
14.1
26
5
0.1
2
10
29
BZX55C15
55C15
13.8
15.6
30
5
0.1
2
11
27
2. TOLERANCE AND VOLTAGE DESIGNATION (VZt)
Tolerance designation – the type numbers listed have zener voltage min/max limits as shown. Device tolerance of
±2% are
Indicated by a “B” instead of a “C”. Zener voltage is measured with the device junction thermal equilibrium at the temperature
of 30
°C ±1°C and 3/8” lead length.
3. MAXIMUM ZENER CURRENT RATINGS (IZM)
This data was calculated using nominal voltages. The maximum current handling capability on a worst case basis is limited
by the actual zener voltage at the operation point and the power derating curve.
4. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits
are for IZ(AC) = 0.1 IZ(DC) with AC frequency = 60Hz.
http://www.yeashin.com
2
REV.03 20130403


Similar Part No. - BZX55C82

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C82 EIC-BZX55C82 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Microdiode Electronics ...
BZX55C82 CHENDA-BZX55C82 Datasheet
695Kb / 3P
   Low zener impedance
logo
GOOD-ARK Electronics
BZX55C82 GOOD-ARK-BZX55C82 Datasheet
146Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Formosa MS
BZX55C82 FORMOSA-BZX55C82 Datasheet
112Kb / 8P
   Zener Diode
logo
Fairchild Semiconductor
BZX55C82 FAIRCHILD-BZX55C82 Datasheet
50Kb / 5P
   Zeners
More results

Similar Description - BZX55C82

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com