Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-381B-TR1G Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-381B-TR1G
Description  Surface Mount RF PIN Low Distortion Attenuator Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-381B-TR1G Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-381B-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-381B-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Typical Applications for HSMP-481x Low Inductance Series (continued)
Co-Planar Waveguide
Groundplane
Center Conductor
Groundplane
0.3 pF
0.75 nH
Rj
Equivalent Circuit Model
HSMP-381x Chip*
Co-Planar Waveguide Shunt Connection for HSMP-481x
Series
Co-Planar waveguide, with ground on the top side of the
printed circuit board, is shown in Figure 10. Since it elimi-
nates the need for via holes to ground, it offers lower shunt
parasitic inductance and higher maximum attenuation
when compared to microstrip circuit.
Figure 10. Circuit Layout.
Figure 11. Equivalent Circuit.
0.18 pF*
* Measured at -20 V
2.5
Ω
Rj
Rs
Cj
RT = 2.5 + Rj
CT = CP + Cj
I = Forward Bias Current in mA
*See AN1124 for package models.
Rj =
80
I
0.9 Ω


Similar Part No. - HSMP-381B-TR1G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMP-381B-TR1 HP-HSMP-381B-TR1 Datasheet
91Kb / 12P
   Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
More results

Similar Description - HSMP-381B-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMP-3810 BOARDCOM-HSMP-3810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3812 BOARDCOM-HSMP-3812 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-481B BOARDCOM-HSMP-481B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-4810 BOARDCOM-HSMP-4810 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381B BOARDCOM-HSMP-381B Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Agilent(Hewlett-Packard...
HSMP-381X HP-HSMP-381X Datasheet
153Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
logo
Broadcom Corporation.
HSMP-381F BOARDCOM-HSMP-381F Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3813 BOARDCOM-HSMP-3813 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-3814 BOARDCOM-HSMP-3814 Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
HSMP-381E BOARDCOM-HSMP-381E Datasheet
149Kb / 9P
   Surface Mount RF PIN Low Distortion Attenuator Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com