Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR2295-99F Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHR2295-99F
Description  24-30GHz Integrated Down Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2295-99F Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHR2295-99F Datasheet HTML 1Page - United Monolithic Semiconductors CHR2295-99F Datasheet HTML 2Page - United Monolithic Semiconductors CHR2295-99F Datasheet HTML 3Page - United Monolithic Semiconductors CHR2295-99F Datasheet HTML 4Page - United Monolithic Semiconductors CHR2295-99F Datasheet HTML 5Page - United Monolithic Semiconductors CHR2295-99F Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHR2295
24-30GHz MFC Down Converter
Ref.: DSCHR22951192 - 11 Jul 11
4/6
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On-board Measurements
Bias Conditions : Vdm= Vdl= 3.5V, Vgm= Vgx= -0.9V, Vgb= Vga= -0.3V
All these measurements include the losses from the test board (typically 1dB for the
conversion gain and 0.5dB for the Noise Figure).
Conversion gain & Image suppression versus IF frequency
Noise figure supradyne & infradyne versus IF frequency
-24.00
-20.00
-16.00
-12.00
-8.00
-4.00
0.00
4.00
8.00
12.00
22.5
23.5
24.5
25.5
26.5
27.5
28.5
29.5
30.5
31.5
32.5
2XLO Frequency (GHz)
IF=1GHz
IF=1.5GHz
IF=2GHz
IF=1GHz
IF=1.5GHz
IF=2GHz
0
1
2
3
4
5
6
7
8
9
10
24.5
25
25.5
26
26.5
27
27.5
28
28.5
29
29.5
RF Frequency (GHz)
Channel_sup_IF_1GHz
Channel_inf_IF_1GHz
Channel_sup_IF_1.5GHz
Channel_inf_IF_1.5GHz
Channel_sup_IF_2GHz
Channel_inf_IF_2GHz


Similar Part No. - CHR2295-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2295-99F/00 UMS-CHR2295-99F/00 Datasheet
144Kb / 6P
   24-30GHz Integrated Down Converter
More results

Similar Description - CHR2295-99F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2295 UMS-CHR2295 Datasheet
144Kb / 6P
   24-30GHz Integrated Down Converter
CHR2295 UMS-CHR2295_15 Datasheet
191Kb / 6P
   24-30GHz Integrated Down Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHA5390TBF UMS-CHA5390TBF Datasheet
169Kb / 6P
   24-30GHz Medium Power Amplifier
CHA5390 UMS-CHA5390 Datasheet
177Kb / 8P
   24-30GHz Medium Power Amplifier
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
   12-16GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
   17-20GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com