Electronic Components Datasheet Search |
|
ADJ56048 Datasheet(PDF) 5 Page - Panasonic Semiconductor |
|
ADJ56048 Datasheet(HTML) 5 Page - Panasonic Semiconductor |
5 / 9 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ DJ (ADJ) ASCTB176E 201202-T REFERENCE DATA DIMENSIONS (mm inch) 1. Max. switching capacity 2. Temperature rise Tested sample: ADJ12024, 6 pcs. Coil applied voltage: 0%V, Contact current: 16 A, 20 A Measured portion: Contact, Ambient temperature: 25 °C 77°F, 85°C 185°F 3. Coil temperature rise Tested sample: ADJ56024, 6 pcs. Coil applied voltage: 100%V, 130%V of rating Contact current: 0 A, 10 A Measured portion: Inside the coil, Ambient temperature: Room temperature, 70 °C 158°F Contact voltage, V 10 0 100 1,000 100 10 AC resistive load (2-pole) AC resistive load (1-pole) 5 10 20 35 40 Contact current, A 010 25 0 15 25 30 515 20 +25 °C +85 °C 50 40 30 20 10 0 90 100 110 120 130 140 Coil applied voltage, %V 10A room temperature 10A 70 °C 0A room temperature 0A 70 °C 4. Set and Reset time Tested sample: ADJ12024, 10 pcs Coil applied voltage: 80%V, 100%V, 120%V of rating 5. Ambient temperature characteristics Tested sample: ADJ12024, 6pcs Ambient temperature: –40 °C to 85°C –40°F to 185°F 6. Influence of adjacent mounting Tested sample: ADJ12024, 6pcs Ambient temperature: Room temperature 5 10 20 30 Coil applied voltage, %V 70 90 130 0 15 25 80 100 110 120 Max. Min. x –10 10 20 30 –20 –30 –60 –40 –20 0 40 20 60 80 100 Ambient temperature, °C Set Reset 12 10 8 6 4 02 –5 0 5 OFF OFF OFF –5 0 5 Reset voltage Distance between relays , mm Set voltage The CAD data of the products with a CAD Data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ 1. 1 Form C, without a test button External dimensions General tolerance: ±0.3 ±.012 Schematic (Bottom view) 1 coil latching type Single side stable type 2 coil latching type 10.16 13.0 10.16 13.0 10.16 13.0 3.50 3.50 3.5 16.0 15.24 29.0 1.80 5.08 5.08 .400 .512 .400 .512 .400 .512 .138 .138 .138 .630 .600 1.142 .071 .200 .200 6 4 2 −1 +8 −9 −8 +1 6 4 2 1 coil latching type Single side stable type 2 coil latching type −8 +1 2 6 4 PC board pattern (Bottom view) Tolerance: ±0.1 ±.004 2 coil latching type only 15.24 5.08 5.08 5.08 5.08 1.50 dia. .600 .200 .200 .200 .200 0.59 dia. CAD Data |
Similar Part No. - ADJ56048 |
|
Similar Description - ADJ56048 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |