Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEJL0JD227R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEJL0JD227R
Description  Tantalum Solid Electrolytic Capacitors/TE-L
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEJL0JD227R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEJL0JD227R Datasheet HTML 1Page - Panasonic Semiconductor EEJL0JD227R Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tantalum Solid Electrolytic Capacitors/TE-L
-55 to +125
°C
4 to 35 V .DC
6.8 to 330 µ F
±20 % (120Hz/+20
°C)
Japan
Surface Mount Type
TE-L
Series:
I Features
I Specifications
Category temp. range
Rated W.V. Range
Nominal Cap. Range
Capacitance Tolerance
DC Leakage Current
Moisture Resistance
Endurance
Resistance to Soldering Heat
Dissipation Factor
Please see the attached standard products list
The capacitor shall withstand dipping into solder for 5±1 seconds at +260 ±5
°C
After 500 hours exposure at +40
°C and 90 to 95 % R.H. without load, the capacitor shall
meet the following limits.
Capacitance change
D.F.
DC leakage current
After 2000 hours application of rated DC working voltage at +85
°C or derated voltage at
+125
°C, the capacitor shall meet the following limits.
Capacitance change
D.F.
DC leakage current
±10% of initial measured value
<
initial specified value
<
initial specified value
±10% of initial measured value
<
initial specified value
<
125 % of initial specified value
I Marking
I Dimensions in mm (not to scale)
Note : 1. (
)shows W.V. and capacitance code.
2. When selecting W.V. see the page 210.
3. Other rating upon request (voltage, capacitance, tolerance, size)
I Case size
I 0.01CV or 0.5 (µA) after 2 minutes application of rated working voltage at 20
°C. (Whichever is the greater)
Low ESR
P
(
+)
(
-)
L
w1
Szde code
C
D
P
6.0
7.3
3.2
4.3
2.2
2.4
2.5
2.8
1.3
1.3
EIA code
6032
7343
G Size C,D
Cap.(µF)
Polarity Bar(+side)
W.V.(V)
(for 6.3W.V. abbreviated to 6 V)
Each case side has different configuration
of terminal.
L±0.2 W1±0.2 W2±0.1 H±0.2
P±0.3
SUPER LOW ESR TANTALUM
4(0G)
6.3(0J)
10(1A)
16(1C)
20(1D)
25(1E)
35(1V)
6.8 (685)
10
(106)
15
(156)
22
(226)
33
(336)
47
(476)
68
(686)
100
(107)
150
(157)
220
(227)
330
(337)
C
D
D
C
D
D
C
D
D
C
D
C
C
D
C
D
D
D
C
D
D
D
W.V(V.DC)
Cap.(µF)
<


Similar Part No. - EEJL0JD227R

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
EEJL0JD227R NICHICON-EEJL0JD227R Datasheet
50Kb / 3P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EEJL0JD227R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECST0GY475R PANASONIC-ECST0GY475R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors TE
ECS-T1AD107R PANASONIC-ECS-T1AD107R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
ECS-T1AY225R PANASONIC-ECS-T1AY225R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
ECS-T1DC106R PANASONIC-ECS-T1DC106R Datasheet
120Kb / 4P
   Tantalum Solid Electrolytic Capacitors/TE
logo
Nichicon corporation
F931A476KAA NICHICON-F931A476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F920E226MPA NICHICON-F920E226MPA Datasheet
109Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F950G156MPAAQ2 NICHICON-F950G156MPAAQ2_09 Datasheet
88Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931A336KBA NICHICON-F931A336KBA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931C475KAA NICHICON-F931C475KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F930J476KAA NICHICON-F930J476KAA Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com