Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3693-QDG Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHR3693-QDG
Description  21-26.5GHz Integrated Down converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3693-QDG Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHR3693-QDG_12 Datasheet HTML 4Page - United Monolithic Semiconductors CHR3693-QDG_12 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3693-QDG_12 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3693-QDG_12 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3693-QDG_12 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3693-QDG_12 Datasheet HTML 9Page - United Monolithic Semiconductors CHR3693-QDG_12 Datasheet HTML 10Page - United Monolithic Semiconductors CHR3693-QDG_12 Datasheet HTML 11Page - United Monolithic Semiconductors CHR3693-QDG_12 Datasheet HTML 12Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CHR3693-QDG
21-26.5GHz Integrated Down converter
Ref. : DSCHR3693QDG2181 - 29 Jun 12
8/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Tamb=25°C, Vdx=Vdl=4V, Typical Vgx=-0.9V & Vgm=-0.7V
Input IP3 versus RF power
P_LO=2dBm, F_FI=2GHz
-6
-5
-4
-3
-2
-1
0
1
-25
-24
-23
-22
-21
-20
-19
-18
-17
-16
-15
P_RF 2tones (dBm)
21GHz @ -40°C
23.6GHz @ -40°C
26.5GHz @ -40°C
21GHz @ 25°C
23.6GHz @ 25°C
26.5GHz @ 25°C
21GHz @ 80°C
23.6GHz @ 80°C
26.5GHz @ 80°C
Isolations LO/RF & 2LO/RF
P_LO=2, 4 & 6dBm
Isolation LO-RF
Isolation 2LO-RF
PLO=2dBm
PLO=4dBm
PLO=6dBm


Similar Part No. - CHR3693-QDG_12

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
More results

Similar Description - CHR3693-QDG_12

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3693-99F UMS-CHR3693-99F Datasheet
449Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG_15 Datasheet
592Kb / 14P
   21-26.5GHz Integrated Down converter
CHR3693-99F UMS-CHR3693-99F_15 Datasheet
460Kb / 8P
   21-26.5GHz Integrated Down converter
CHR3693 UMS-CHR3693 Datasheet
254Kb / 6P
   21-26.5GHz Integrated Down converter
CHR3693-QDG UMS-CHR3693-QDG Datasheet
904Kb / 10P
   21-26.5GHz Down converter
CHA5197A UMS-CHA5197A Datasheet
287Kb / 6P
   21-26.5GHz Medium Power Amplifier
CHR3764-QEG UMS-CHR3764-QEG_15 Datasheet
537Kb / 18P
   21-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com