Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADJ44005 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ADJ44005
Description  1-pole/2-pole 16A polarized power relays Variety of contact arrangements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ADJ44005 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ADJ44005 Datasheet HTML 1Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 2Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 3Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 4Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 5Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 6Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 7Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 8Page - Panasonic Semiconductor ADJ44005 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
DJ (ADJ)
ASCTB176E 201202-T
RATING
1. Coil data
1) Single side stable
2) 1 coil latching
3) 2 coil latching
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. In order to obtain the full rated life cycles, the relay should be properly vented by removing the vent nib. More detail, please look at caution for NOTES.
*4. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
Nominal coil voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating power
Max. applied voltage
(at 20
°C 68°F)
5V DC
75%V or less of nominal
voltage (Initial)
10%V or more of nominal
voltage (Initial)
100
250mW
130%V of nominal voltage
6V DC
144
12V DC
576
24V DC
2,304
48V DC
9,216
Nominal coil voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating power
Max. applied voltage
(at 20
°C 68°F)
5V DC
70%V or less of nominal
voltage (Initial)
70%V or less of nominal
voltage (Initial)
167
150mW
130%V of nominal voltage
6V DC
240
12V DC
960
24V DC
3,840
48V DC
15,360
Nominal coil voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating power
Max. applied voltage
(at 20
°C 68°F)
5V DC
70%V or less of nominal
voltage (Initial)
70%V or less of nominal
voltage (Initial)
100
250mW
130%V of nominal voltage
6V DC
144
12V DC
576
24V DC
2,304
48V DC
9,216
Characteristics
Item
Specifications
Contact
Arrangement
1 Form C, 1 Form A, 1 Form B, 1 Form A 1 Form B, 2 Form C, 2 Form A, 2 Form B
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Contact material
AgSnO2 type (1 Form C, 1 Form A, 1 Form B),
Au-flashed AgSnO2 type (1 Form A 1 Form B, 2 Form C, 2 Form A, 2 Form B)
Rating
Nominal switching capacity (resistive load)
16 A 250V AC (1 Form C, 1 Form A, 1 Form B),
10 A 250V AC (2 Form C, 2 Form A, 2 Form B, 1 Form A 1 Form B)
Max. switching power (resistive load)
4,000 V A
Max. switching voltage
250V AC
Max. switching current
16 A (1 Form C, 1 Form A, 1 Form B),
10 A (1 Form A 1 Form B, 2 Form C, 2 Form A, 2 Form B)
Nominal operating power
150mW (1 coil latching), 250mW (Single side stable, 2 coil latching)
Min. switching capacity (Reference value)*1
100mA 5 V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1min. (Detection current: 10mA.)
Between contact and coil
4,000 Vrms for 1min. (Detection current: 10mA.)
Surge breakdown
voltage*2 (Initial)
Between contact and coil
Min. 10,000 V
Temperature rise (coil) (at 70
°C 158°F)
Max. 55
°C (By resistive method, nominal voltage applied to the coil, max. switching current.)
Operate time [Set time] (at 20
°C 68°F)
Max. 20 ms [20 ms] (Nominal voltage applied to the coil, excluding contact bounce time.)
Release time [Reset time] (at 20
°C 68°F)
Max. 20 ms [20 ms] (Nominal voltage applied to the coil, excluding contact bounce time.)
Mechanical
characteristics
Shock resistance
Functional
Min. 200 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
Min. 1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 2 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 3 mm
Expected life
Mechanical
Min. 5
×106 (at 180 times/min.)
Electrical (Resistive load)*3 (at 20 times/min.)
Min. 105 (at 16A 250V AC): 1 Form C, 1 Form A, 1 Form B
Min. 105 (at 10A 250V AC): 2 Form C, 2 Form A, 2 Form B, 1 Form A 1 Form B
Conditions
Conditions for operation, transport and storage*4
Ambient temperature: –40
°C to +70°C –40°F to +158°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Unit weight
Approx. 14 g .49 oz


Similar Part No. - ADJ44005

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
TAITRON Components Inco...
ADJ TAITRON-ADJ Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ceramate Technical
ADJ-B CERAMATE-ADJ-B Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
TAITRON Components Inco...
ADJ-LD1117A50 TAITRON-ADJ-LD1117A50 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Ferroxcube Internationa...
ADJ-P14 FERROXCUBE-ADJ-P14 Datasheet
58Kb / 1P
   P cores and accessories
More results

Similar Description - ADJ44005

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
logo
Fujitsu Component Limit...
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
logo
TE Connectivity Ltd
V23154 TEC-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
KHA TEC-KHA Datasheet
325Kb / 3P
   Two and four pole form C contact arrangements
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
logo
TE Connectivity Ltd
N-V23154 TEC-N-V23154 Datasheet
1Mb / 10P
   Great variety of contact arrangements and materials to meet specific applications
W-V23005 TEC-W-V23005 Datasheet
775Kb / 4P
   Great variety of contact arrangements and materials to meet specific applications
P-V23003 TEC-P-V23003 Datasheet
1Mb / 5P
   Great variety of contact arrangements and materials to meet specific applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com