Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELL6GM560M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELL6GM560M
Description  SMD Choke Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL6GM560M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELL6GM560M Datasheet HTML 1Page - Panasonic Semiconductor ELL6GM560M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Choke coils
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1.00
2.0±0.3
t
t
0.4±0.1
ELL6GM
12.0±0.3
4.0±0.3
1.85±0.30
ELL6PM
2.15±0.30
Quantity 1000 pcs./reel
Tape running direction
Indication method of products manufacture
Indication method of date code
Standard Parts
Embossed Carrier Tape Dimensions in mm
(not to scale)
Current: This indicates the value of current when the inductance is 70 % of nominal value or when the case temperature has risen 45 °C (at 20 °C)
Date code
Odd year
Even year
Year
Month
12 3 4 5 6 7 8 9 10 11 12
AB C D E F H I J K L M
NO P R S T U V WX Y Z
ELL6GM1R2N
1.2
23
2300
1R2
ELL6GM1R8N
1.8
28
1900
1R8
ELL6GM2R2N
2.2
35
1800
2R2
ELL6GM2R7N
2.7
41
1700
2R7
ELL6GM3R6N
3.6
±30 %
57
1500
3R6
ELL6GM4R7N
4.7
78
1250
4R7
ELL6GM5R6N
5.6
86
1200
5R6
ELL6GM6R8N
6.8
96
1100
6R8
ELL6GM7R5N
7.5
110
1050
7R5
ELL6GM100M
10.0
150
930
100
ELL6GM120M
12.0
170
830
120
ELL6GM150M
15.0
190
740
150
ELL6GM180M
18.0
260
710
180
ELL6GM220M
22.0
320
620
220
ELL6GM270M
27.0
±20 %
350
560
270
ELL6GM330M
33.0
490
500
330
ELL6GM390M
39.0
550
460
390
ELL6GM470M
47.0
620
420
470
ELL6GM560M
56.0
700
380
560
ELL6GM680M
68.0
820
350
680
ELL6PM1R0N
1.0
16
2700
1R0
ELL6PM1R5N
1.5
20
±20 %
2450
1R5
ELL6PM2R0N
2.0
24
2200
2R0
ELL6PM2R7N
2.7
29
2000
2R7
ELL6PM3R3N
3.3
35
1850
3R3
ELL6PM3R9N
3.9
±30 %
40
1800
3R9
ELL6PM4R7N
4.7
47
1680
4R7
ELL6PM5R6N
5.6
52
1500
5R6
ELL6PM6R8N
6.8
57
1350
6R8
ELL6PM7R5N
7.5
70
1300
7R5
ELL6PM9R1N
9.1
77
1200
9R1
ELL6PM100M
10.0
85
1000
100
ELL6PM120M
12.0
110
950
120
ELL6PM150M
15.0
130
900
150
ELL6PM180M
18.0
140
820
180
ELL6PM220M
22.0
200
700
220
ELL6PM270M
27.0
220
620
270
ELL6PM330M
33.0
±20 %
290
550
330
ELL6PM390M
39.0
310
520
390
ELL6PM470M
47.0
360
440
470
ELL6PM560M
56.0
500
420
560
ELL6PM680M
68.0
600
400
680
ELL6PM820M
82.0
680
360
820
ELL6PM101M
100.0
970
320
101
(m
Ω)
(µH
)
Part No.
Inductance (100 kHz)
RDC (at 20 °C)
Current
(mA) max.
Marking
Tolerance
Tolerance
Mar. 2005


Similar Part No. - ELL6GM560M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL6GG100M PANASONIC-ELL6GG100M Datasheet
83Kb / 2P
   Choke Coils
ELL6GG100M PANASONIC-ELL6GG100M Datasheet
122Kb / 2P
   SMD Choke Coils
ELL6GG101M PANASONIC-ELL6GG101M Datasheet
83Kb / 2P
   Choke Coils
ELL6GG101M PANASONIC-ELL6GG101M Datasheet
122Kb / 2P
   SMD Choke Coils
ELL6GG150M PANASONIC-ELL6GG150M Datasheet
83Kb / 2P
   Choke Coils
More results

Similar Description - ELL6GM560M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL5PS100M PANASONIC-ELL5PS100M Datasheet
114Kb / 2P
   SMD Choke Coils
ELL6SH220M PANASONIC-ELL6SH220M_05 Datasheet
152Kb / 2P
   SMD Choke Coils
ELL-6PG100M PANASONIC-ELL-6PG100M Datasheet
122Kb / 2P
   SMD Choke Coils
logo
Panasonic Battery Group
ELLATV1R5N PANASONICBATTERY-ELLATV1R5N Datasheet
62Kb / 2P
   SMD Choke Coils
logo
Panasonic Semiconductor
ELL6SH220M PANASONIC-ELL6SH220M Datasheet
225Kb / 2P
   SMD Choke Coils
logo
Frontier Electronics.
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
SCM7038F FRONTIER-SCM7038F Datasheet
165Kb / 1P
   SMD COMMON MODE CHOKE COILS
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com