Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELT3KN042 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELT3KN042
Description  Fixed Inductors Voltage Step-up Coils
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELT3KN042 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELT3KN042 Datasheet HTML 1Page - Panasonic Semiconductor ELT3KN042 Datasheet HTML 2Page - Panasonic Semiconductor ELT3KN042 Datasheet HTML 3Page - Panasonic Semiconductor ELT3KN042 Datasheet HTML 4Page - Panasonic Semiconductor ELT3KN042 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Voltage Step-up Coils)
t1
t2
Chip component
P1
P3
Chip pocket
Tape running direction
Sprocket hole
A
fD
0
P2
T
C
E
D
Wt
A
200 min.
50 min.
Leader part
Tape end
50 min.
Vacant position
Vacant position
Vi
Vi
SC
Vo
Vo
+1.5 V
For making sound
Vi
Vi
V1
V2
SC
V1
V2
+3.0 V
For E. L./DC-DC
Packaging Methods
● Standard Packing Quantity
● Embossed Carrier Tape Dimensions in mm (not to scale)
● Reel Dimensions in mm (not to scale)
● Leader Part, Vacant Position
Applied Diagram Examples
Packaging
ELT3KN
Kind of Taping
B
1000 pcs.
Embossed Carrier
Taping
C
5000 pcs.
Type
A
B
W
F
E
P1
ELT3KN
3.7
6.4
12.0
5.5
1.75
8.0
Type
P2
P3
0D0
t1
t2
ELT3KN
2.0
4.0
1.5
0.3
2.6
Packaging
A
B
C
D
EW
t
T
B180
60
13
21
2
13
1.1
15.2
C
370
60
13
21
2
14
2.0
18
Sep. 2012
01
39


Similar Part No. - ELT3KN042

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELT3KN042B PANASONIC-ELT3KN042B Datasheet
146Kb / 5P
   VOLTAGE STEP-UP COILS
ELT3KN042C PANASONIC-ELT3KN042C Datasheet
146Kb / 5P
   VOLTAGE STEP-UP COILS
More results

Similar Description - ELT3KN042

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELT-5KN120C PANASONIC-ELT-5KN120C Datasheet
80Kb / 2P
   Fixed Inductors (Voltage Step-up Coils)
ELT3KN004C PANASONIC-ELT3KN004C Datasheet
80Kb / 2P
   Voltage Step-up Coils
ELT3KN136C PANASONIC-ELT3KN136C Datasheet
146Kb / 5P
   VOLTAGE STEP-UP COILS
logo
YOBON TECHNOLOGIES,INC.
YB1316 YOBON-YB1316 Datasheet
173Kb / 3P
   Step-Up/ Step-Down / Fixed Output Application
logo
TECH PUBLIC Electronics...
LM2577S-ADJ TECHPUBLIC-LM2577S-ADJ Datasheet
8Mb / 18P
   Step-Up Voltage Reaulator
logo
TOKO, Inc
TK65020 TOKO-TK65020 Datasheet
94Kb / 14P
   STEP-UP VOLTAGE CONVERTER
logo
Global Mixed-mode Techn...
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
G5121 GMT-G5121 Datasheet
579Kb / 9P
   Fixed Frequency White LED Step-Up Converter
logo
Anpec Electronics Corop...
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
logo
Seiko Instruments Inc
S-8430AF SII-S-8430AF Datasheet
1Mb / 23P
   STEP UP & DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com