Electronic Components Datasheet Search |
|
7101L1PH4V21BE Datasheet(PDF) 4 Page - C&K Components |
|
7101L1PH4V21BE Datasheet(HTML) 4 Page - C&K Components |
4 / 14 page F–6 Dimensions are shown: Inches (mm) Specifications and dimensions subject to change www.ck-components.com F 7000 Series Miniature Toggle Switches ACTUATOR *DIM. ‘A’ * * * * * 15/32-32 UNS-2A .487 (12,37) .448 (11,38) 15/32-32 UNS-2A 15/32-32 UNS-2A .687 (17,45) SP ANTIROTATION, .420" HIGH 2,3 S .420" HIGH 1 MP ANTIROTATION, .200" HIGH 2,3 M .200" HIGH 1 L1P, L2P ANTIROTATION, .840", .640", .550" HIGH 2,3 L, L1, L2 .840", .640", .550" HIGH 1 TP ANTIROTATION, .687 (17,45) HIGH, 15/32 BUSHING 1,2,3 T .687 (17,45) HIGH 1,2 T1P ANTIROTATION, .487 (12,37) HIGH, 15/32 BUSHING 1,2,3 T1 .487 (12,37) HIGH 1,2 P1 FLATTED WITH ANTIROTATION, .840" HIGH 2,3 P3 FLATTED WITH ANTIROTATION, .450" HIGH 2,3 P4 FLATTED WITH ANTIROTATION, .250" HIGH 2,3 S actuator standard when ordered with C, W-W5, Z & Z3 terminations. Caps are available separately, see page F-16. M actuator standard when ordered with all terminations except C, W-W5, Z & Z3. Caps are available separately, see page F-16. Bushing option code not required unless CW splashproof bushing ordered. TP & T1P actuators not available with CW splashproof bushing. All TXX actuators not available on single pole models with A-A4, AW1-AW4 terminations. Bushing option code not required. T2P actuator not available with CW splashproof bushing or single pole models with A-A4, AW1-AW4 terminations. NOTE: Black hardware is supplied when either black actuators or bushings are specified. For additional hardware, see Section N. 1 L, L1, L2, M, S & TXX actuators not available with Y1 bushing. 2 L1P, L2P, MP, P1, P3, P4, SP & TXX actuators not available with D8 & H4 bushing. 3 Antirotation: Provides anti-‘push-in’ feature on actuator. * Add .070 (1,78) for D, D8 & D9 bushings, subtract .020 (0,51) for H3 bushing. Caps are available separately, see page F-16. Dress nut part number 709901201 supplied standard with threaded bushing. (Part number 709903201 with metric threaded bushings.) T2P FLATTED, ANTIROTATION, .610" HIGH, 15/32 BUSHING 1,2,3 L .840 (21,34) L1, L1P .640 (16,26) L2, L2P .550 (13,97) DIM ‘A’ OPTION CODE NONE BRIGHT CHROME-With Nickel Plated Bushing 2 BLACK S SATIN CHROME ACTUATOR FINISH OPTION CODE ACTUATOR FINISH ACTUATOR |
Similar Part No. - 7101L1PH4V21BE |
|
Similar Description - 7101L1PH4V21BE |