Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZJ36V Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # LZJ36V
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

LZJ36V Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  LZJ36V Datasheet HTML 1Page - Yea Shin Technology Co., Ltd LZJ36V Datasheet HTML 2Page - Yea Shin Technology Co., Ltd LZJ36V Datasheet HTML 3Page - Yea Shin Technology Co., Ltd LZJ36V Datasheet HTML 4Page - Yea Shin Technology Co., Ltd LZJ36V Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.yeashin.com
2
REV.02 20130403
LZJ Series
ELECTRICAL CHARACTERISTICS
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ@Izt
Device
Type
T
Tolerance
Min
Nom
Max
Izt
(mA)
Zzt@Izt
(Ohms)
Max
Zzk@Izk
(Ohms) Max
Izk
(mA)
IR@VR
(uA)
Max
VR
(V)
A
4.81
4.94
5.07
B
4.94
5.07
5.20
LZJ5V1
C
5.09
5.23
5.37
5
80
800
1
5
1.5
A
5.28
5.41
5.55
B
5.45
5.59
5.73
LZJ5V6
C
5.61
5.76
5.91
5
60
500
1
5
2.5
A
5.78
5.94
6.09
B
5.96
6.12
6.27
LZJ6V2
C
6.12
6.28
6.44
5
60
300
1
5
3.0
A
6.29
6.46
6.63
B
6.49
6.66
6.83
LZJ6V8
C
6.66
6.84
7.01
5
20
150
0.5
2
3.5
A
6.85
7.04
7.22
B
7.07
7.26
7.45
LZJ7V5
C
7.29
7.48
7.67
5
20
120
0.5
0.5
4.0
A
7.53
7.73
7.92
B
7.78
7.99
8.19
LZJ8V2
C
8.03
8.24
8.45
5
20
120
0.5
0.5
5.0
A
8.29
8.51
8.73
B
8.57
8.79
9.01
LZJ9V1
C
8.83
9.07
9.30
5
25
120
0.5
0.5
6.0
A
9.12
9.36
9.59
B
9.41
9.66
9.90
C
9.70
9.95
10.20
LZJ10V
D
9.94
10.19
10.44
5
30
120
0.5
0.2
7.0
A
10.18
10.45
10.71
B
10.50
10.78
11.05
LZJ11V
C
10.82
11.10
11.38
5
30
120
0.5
0.2
8.0
A
11.13
11.42
11.71
B
11.44
11.74
12.03
LZJ12V
C
11.74
12.05
12.35
5
30
110
0.5
0.2
9.0
A
12.11
12.43
12.75
B
12.55
12.88
13.21
LZJ13V
C
12.99
13.33
13.66
5
35
110
0.5
0.2
10
A
13.44
13.79
14.13
B
13.89
14.26
14.62
LZJ15V
C
14.35
14.72
15.09
5
40
110
0.5
0.2
11
A
14.80
15.19
15.57
B
15.25
15.65
16.04
LZJ16V
C
15.69
16.10
16.51
5
40
150
0.5
0.2
12
A
16.22
16.64
17.06
B
16.82
17.26
17.70
LZJ18V
C
17.42
17.88
18.33
5
45
150
0.5
0.2
13
A
18.02
18.49
18.96
B
18.63
19.11
19.59
C
19.23
19.73
20.22
LZJ20V
D
19.72
20.22
20.72
5
55
200
0.5
0.2
15
A
20.15
21.68
21.20
B
20.64
21.18
21.71
C
21.08
21.63
22.17
LZJ22V
D
21.52
22.08
22.63
5
30
200
0.5
0.2
17
A
22.05
22.62
23.18
B
22.61
23.19
23.77
C
23.12
23.72
24.31
LZJ24V
D
23.63
24.24
24.85
5
35
200
0.5
0.2
19
A
24.26
24.89
25.52
B
24.97
25.62
26.26
C
25.63
26.29
26.95
LZJ27V
D
26.29
26.97
27.64
5
45
250
0.5
0.2
21


Similar Description - LZJ36V

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com