Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA358AD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # KA358AD
Description  Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA358AD Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button KA358AD Datasheet HTML 2Page - Fairchild Semiconductor KA358AD Datasheet HTML 3Page - Fairchild Semiconductor KA358AD Datasheet HTML 4Page - Fairchild Semiconductor KA358AD Datasheet HTML 5Page - Fairchild Semiconductor KA358AD Datasheet HTML 6Page - Fairchild Semiconductor KA358AD Datasheet HTML 7Page - Fairchild Semiconductor KA358AD Datasheet HTML 8Page - Fairchild Semiconductor KA358AD Datasheet HTML 9Page - Fairchild Semiconductor KA358AD Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
KA258/KA258A, KA358/KA358A, KA2904
6
Electrical Characteristics (Continued)
(VCC = 5.0V, VEE = GND, unless otherwise specified)
The following specification apply over the range of -25
°C ≤ TA ≤ +85°C for the KA258A; and the 0°C ≤ TA ≤ +70°C
for the KA358A
Parameter
Symbol
Conditions
KA258A
KA358A
Unit
Min. Typ. Max. Min.
Typ.
Max.
Input Offset Voltage
VIO
VCM = 0V to VCC -1.5V
VO(P) = 1.4V, RS = 0
--
4.0
-
-
5.0
mV
Input Offset Voltage Drift
∆VIO/∆T
-
-
7.0
15
-
7.0
20
µV/°C
Input Offset Current
IIO
--
-
30
-
-
75
nA
Input Offset Current Drift
∆IIO/∆T
-
-
10
200
-
10
300
pA/
°C
Input Bias Current
IBIAS
-
-
40
100
-
40
200
nA
Input Common-Mode
Voltage Range
VI(R)
VCC = 30V
0
-
Vcc
-2.0
0-
Vcc
-2.0
V
Output Voltage Swing
VO(H)
VCC = 30V
RL = 2k
26
-
-
26
-
-
V
RL = 10k
27
28
-
27
28
-
V
VO(L)
VCC = 5V, RL
=10kΩ
-
5
20
-
5
20
mV
Large Signal Voltage
Gain
GV
VCC = 15V, RL
=2.0kΩ
VO(P) = 1V to 11V
25
-
-
15
-
-
V/mV
Output Current
ISOURCE
VI(+) = 1V, VI(-) = 0V
VCC = 15V, VO(P) = 2V
10
30
-
10
30
-
mA
ISINK
VI(+) = 1V, VI(-) = 0V
VCC = 15V, VO(P) = 2V
59
-
5
9
-
mA
Differential Input Voltage
VI(DIFF)
--
-
VCC
--
VCC
V


Similar Part No. - KA358AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KA358AD ONSEMI-KA358AD Datasheet
250Kb / 13P
   Dual Operat ional Amplifier
10/14/11 Rev. 1.0.4
More results

Similar Description - KA358AD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com