Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2822BD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # KA2822BD
Description  3-Phase BLDC Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822BD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  KA2822BD Datasheet HTML 1Page - Fairchild Semiconductor KA2822BD Datasheet HTML 2Page - Fairchild Semiconductor KA2822BD Datasheet HTML 3Page - Fairchild Semiconductor KA2822BD Datasheet HTML 4Page - Fairchild Semiconductor KA2822BD Datasheet HTML 5Page - Fairchild Semiconductor KA2822BD Datasheet HTML 6Page - Fairchild Semiconductor KA2822BD Datasheet HTML 7Page - Fairchild Semiconductor KA2822BD Datasheet HTML 8Page - Fairchild Semiconductor KA2822BD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
KA2822D
5
Equivalent Circuits
U_amp, V_ amp input
U, V, W drive output and current detection 1, 2
FG input and FG output
OSC input
CE input
Hall bias input and voltage regulator output
5k
(18Pin,
24Pin)
(19Pin,
25Pin)
2.5k
2.5k
vcc
vcc
vcc
(17Pin,
26Pin)
VCC
(16Pin)
U
(23Pin)
V
(22Pin)
W
(21Pin)
40k
40k
40k
(28Pin)
(10Pin)
0.5k
0.5k
25k
vcc
vcc
vcc
vcc
vcc
(13Pin)
0.1k
5k
1k
50pF
vcc
vcc
CE
3k
vcc
vcc
(27Pin)
2.9V
(4Pin)
2.2V
vcc
vcc
vcc
vcc


Similar Part No. - KA2822BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA2822CDTF FAIRCHILD-KA2822CDTF Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
More results

Similar Description - KA2822BD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com