Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3362-QEG Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHR3362-QEG
Description  10-16GHz Integrated Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3362-QEG Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHR3362-QEG Datasheet HTML 3Page - United Monolithic Semiconductors CHR3362-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3362-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3362-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3362-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3362-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3362-QEG Datasheet HTML 9Page - United Monolithic Semiconductors CHR3362-QEG Datasheet HTML 10Page - United Monolithic Semiconductors CHR3362-QEG Datasheet HTML 11Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
10-16GHz Integrated Down Converter
CHR3362-QEG
Ref. : DSCHR3362-QEG1192 - 11 Jul 11
7/16
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Measured Performances
Tamb = +25°C, VD=VDL= 4V, VG2=VG3= -0.3V, VGM = -0.7V, P_LO = 0dBm
Board losses de-embedded (result given on package access planes)
Noise Figure versus Frequency
RF = LO+/- IF, IF = 2GHz, GC = -1.5 & 0V
Return loss versus Frequency
GC = -1.5V
0
1
2
3
4
5
6
7
8
9
10
8
9
10
11
12
13
14
15
16
17
18
RF Frequency (GHz)
USB@min.att.
LSB@min.att.
LSB@max.att.
USB@max.att.
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
Frequency (GHz)
RF return loss
LO return loss


Similar Part No. - CHR3362-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3364-QEG UMS-CHR3364-QEG Datasheet
477Kb / 14P
   17-24GHz Down Converter
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
   17-24GHz Down Converter
More results

Similar Description - CHR3362-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2391 UMS-CHR2391_11 Datasheet
207Kb / 6P
   12-16GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
   12-16GHz Integrated Down Converter
CHR3763-QDG UMS-CHR3763-QDG Datasheet
861Kb / 16P
   12-16GHz Integrated Down Converter
CHR2391 UMS-CHR2391 Datasheet
168Kb / 6P
   12-16GHz Integrated Down Converter
CHR3662-QDG UMS-CHR3662-QDG_15 Datasheet
564Kb / 16P
   7-16GHz Integrated Down Converter
CHR3662-QDG UMS-CHR3662-QDG Datasheet
357Kb / 16P
   7-16GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com