Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5022-330M-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PM5022-330M-RC
Description  PM5022 Series SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM5022-330M-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PM5022-330M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM5022-330M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USER DIRECTION OF FEED
160
(6.299)
NO COMPONENT
NO COMPONENT
COMPONENTS
390
(15.354)
START
4.0
(.157)
20.0
(.787)
32.0
(1.260)
END
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PM5022 Series - SMD Power Inductor
Soldering Profile
REV. 07/09
QTY: 250 PCS. PER REEL
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (seconds)
<2> Max. of 30 seconds > 220 °C
<1> Max. of 10 seconds at 250 °C
250 °C
<2>
<1>
120 - 150 seconds
Ramp-up
4 °/second maximum
Ramp-down
5 °C/second maximum
34
(1.339)
38.4
(1.512)
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
330
(12.99)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
32.0
(1.260)


Similar Part No. - PM5022-330M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM5022-330M-RC BOURNS-PM5022-330M-RC Datasheet
334Kb / 2P
   PM5022 Series - SMD Power Inductor
PM5022-330M-RC BOURNS-PM5022-330M-RC Datasheet
267Kb / 2P
   SMD Power Inductor
More results

Similar Description - PM5022-330M-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PM5022-680M BOURNS-PM5022-680M Datasheet
334Kb / 2P
   PM5022 Series - SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Tyco Electronics
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
   SMD Unshielded Power Inductor Series
logo
Bourns Electronic Solut...
PM54-100M-RC BOURNS-PM54-100M-RC Datasheet
217Kb / 2P
   PM54 Series - SMD Power Inductor
PM54-221K BOURNS-PM54-221K Datasheet
217Kb / 2P
   PM54 Series - SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com